Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5-146130-3 Datasheet(PDF) 95 Page - Tyco Electronics

Part # 5-146130-3
Description  AMPMODU .025 [0.64] Square Interconnection System
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5-146130-3 Datasheet(HTML) 95 Page - Tyco Electronics

Back Button 5-146130-3 Datasheet HTML 88Page - Tyco Electronics 5-146130-3 Datasheet HTML 89Page - Tyco Electronics 5-146130-3 Datasheet HTML 90Page - Tyco Electronics 5-146130-3 Datasheet HTML 91Page - Tyco Electronics 5-146130-3 Datasheet HTML 92Page - Tyco Electronics 5-146130-3 Datasheet HTML 93Page - Tyco Electronics 5-146130-3 Datasheet HTML 94Page - Tyco Electronics 5-146130-3 Datasheet HTML 95Page - Tyco Electronics 5-146130-3 Datasheet HTML 96Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
179
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod IV Receptacle Assemblies, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
No. of
Dimensions
Contact Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
Plating C
2
.100 [2.54]
5-534998-1
5-535598-2
5-535585-3
4
.200 [5.08]
.100 [2.54]
5-534998-2
5-535598-3
5-535585-4
6
.300 [7.62]
.200 [5.08]
5-534998-3
5-535598-4
5-535585-5
8
.400 [10.16]
.300 [7.62]
5-534998-4
5-535598-5
5-535585-6
10
.500 [12.70]
.400 [10.16]
5-534998-5
5-535598-6
5-535585-1
12
.600 [15.24]
.500 [12.70]
5-534998-6
5-535598-7
5-535585-2
14
.700 [17.78]
.600 [15.24]
5-534998-7
5-535598-1
5-535585-7
16
.800 [20.32]
.700 [17.78]
5-534998-8
5-535598-8
5-535585-8
18
.900 [22.86]
.800 [20.32]
5-534998-9
5-535598-9
5-535585-9
20
1.000 [25.40]
.900 [22.86]
6-534998-0
6-535598-0
6-535585-0
22
1.100 [27.94]
1.000 [25.40]
6-534998-1
6-535598-1
6-535585-1
24
1.200 [30.48]
1.100 [27.94]
6-534998-2
6-535598-2
6-535585-2
26
1.300 [33.02]
1.200 [30.48]
6-534998-3
6-535598-3
6-535585-3
28
1.400 [35.56]
1.300 [33.02]
6-534998-4
6-535598-4
6-535585-4
30
1.500 [38.10]
1.400 [35.56]
6-534998-5
6-535598-5
6-535585-5
32
1.600 [40.64]
1.500 [38.10]
6-534998-6
6-535598-6
6-535585-6
34
1.700 [43.18]
1.600 [40.64]
6-534998-7
6-535598-7
6-535585-7
36
1.800 [45.72]
1.700 [43.18]
6-534998-8
6-535598-8
6-535585-8
38
1.900 [48.26]
1.800 [45.72]
6-534998-9
6-535598-9
6-535585-9
40
2.000 [50.80]
1.900 [48.26]
7-534998-0
7-535598-0
7-535585-0
Notes: 1. Tyco Electronics recommends mating gold or duplex plated headers with duplex plated receptacle
assemblies.
2. To obtain the minimum mating post length, add .020 [0.51] (not including the post lead in chamfer) to
the maximum point-of-contact dimension.
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze,
plated as follows:
Plating A — Duplex .000030 [0.00076]
gold on contact area, .000150-.000300
[0.00381-0.00762] matte tin on solder
area all over .000050 [0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to the Mating Post Selection
Guide — page 90
Performance Characteristics —
page 174
Technical Documents — page 276
Product Specification
108-25022
Application Specification
114-25018
Closed Top Entry,
End and Side Stackable,
Low Profile, .100 x .100
[2.54 x 2.54] Centerline,
.100 [2.54] Tine Spacing
.245
[6.22]
.100±.003
[2.540.08]
.198
[5.03]
Recommended PC Board Hole Layout
.020
[0.51]
(Standoffs)
B
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.100
[2.54]
Typ.
.050
[1.27]
Max.
Typ.
.035±.003
[0.89±0.08]
Dia.
.148
[3.77]
Typ.
.125±.010
[3.18±0.25]
Typ.
.107
[2.72]
Typ.
.100
[2.54]
Typ.
(Localized
Gold Plate
Area)
A
Point of
Contact


Similar Part No. - 5-146130-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
More results

Similar Description - 5-146130-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com