Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6146DFUZ-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6146DFUZ-T
Description  Low Voltage OR-ing FET Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6146DFUZ-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6146DFUZ-T Datasheet HTML 1Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 2Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 3Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 4Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 5Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 6Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 7Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 8Page - Intersil Corporation ISL6146DFUZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISL6146
2
FN7667.4
April 26, 2013
Block Diagram
Pin Configuration
ISL6146
(8 LD MSOP/DFN)
TOP VIEW
+
+
VIN
VOUT
ADJ
FLT
GATE
BIAS
4A
8mA
HIGH SPEED
COMPARATOR
Q-PUMP
VDS FORWARD
REGULATOR
REVERSE DETECTION
COMPARATOR
ENABLE
+
FAULT DIAGNOSTIC
1. VIN - VOUT > 570mV
2. GATE - VIN < 220mV (A,B,C only)
3. TEMP > +150°C
4. VBIAS < POR (ISL6146A/B/D/E)
5. VIN OR VOUT < POR (ISL6146C)
19mV
57mV
* Connected to BIAS on ISL6146A/B/D/E
*
Connected to VOUT on ISL6146C
ENABLE
+
-
VREF
EN/EN
ISL6146A/B/D/E
+
-
VREF
OVP
ISL6146C
EN
UVLO
+
+
6. VIN < VOUT
7. Gate to Drain and Gate to Source Shorts
ISL6146A, ISL6146B, ISL6146D, ISL6146E
ISL6146C
VIN
GATE
FAULT
VOUT
ADJ
EN ISL6146A/D
BIAS
GND
EN ISL6146B/E
1
2
3
4
8
7
6
5
VIN
GATE
FAULT
VOUT
ADJ
GND
UVLO
OVP
1
2
3
4
8
7
6
5
EPAD on DFN only, connect to GND
Pin Descriptions
MSOP/
DFN
SYMBOL
DESCRIPTION
1
GATE
Gate Drive output to the external N-Channel MOSFET generated by the IC internal charge pump. Gate turn-on time is typically
<1ms. Allows active control of external N-Channel FET gate to perform OR-ing function.
The GATE drive is between VIN + 7V at VIN = 3.3V and VIN +12V at VIN = 18V.
2
VIN
Connected to the sourcing supply side (OR-ing MOSFET Source), this pin serves as the sense pin to determine the OR’d
supply voltage. The OR-ing MOSFET will be turned off when VIN becomes lower than VOUT by a value more than the externally
set threshold or the defaulted internal threshold. Range: 0V to 24V
3
ISL6146A
ISL6146B
ISL6146D
ISL6146E
BIAS
Primary bias pin. Connected to an independent voltage supply greater than or equal to 3V and greater than VIN.
Range: 3.0 to 24V
3
ISL6146C
UVLO
Programmable UVLO protection to prevent premature turn-on prior to VIN being adequately biased. Range: 0V to 24V
4
ISL6146A
ISL6146D
EN
Active high enable input to turn on the FET. Internally pulled low to GND through 2MΩ.
Range: 0V to 24V


Similar Part No. - ISL6146DFUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146DFUZ INTERSIL-ISL6146DFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
More results

Similar Description - ISL6146DFUZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6146AFUZ INTERSIL-ISL6146AFUZ Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
August 17, 2015
logo
Renesas Technology Corp
ISL6146 RENESAS-ISL6146 Datasheet
1Mb / 28P
   Low Voltage OR-ing FET Controller
logo
Texas Instruments
LM5051 TI1-LM5051 Datasheet
291Kb / 17P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5051 TI1-LM5051_13 Datasheet
831Kb / 23P
[Old version datasheet]   Low Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_13 Datasheet
1Mb / 21P
[Old version datasheet]   High Side OR-ing FET Controller
LP5952 TI1-LP5952_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Side OR-ing FET Controller
LM5050-1 TI1-LM5050-1 Datasheet
331Kb / 17P
[Old version datasheet]   High Side OR-ing FET Controller
LM5050MKX-2 TI1-LM5050MKX-2 Datasheet
1,010Kb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
LM5050MK-2 TI-LM5050MK-2 Datasheet
1Mb / 22P
[Old version datasheet]   LM5050-2 High Side OR-ing FET Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com