Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6843 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL6843
Description  Improved Industry Standard Single-Ended Current Mode PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6843 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL6843 Datasheet HTML 4Page - Intersil Corporation ISL6843 Datasheet HTML 5Page - Intersil Corporation ISL6843 Datasheet HTML 6Page - Intersil Corporation ISL6843 Datasheet HTML 7Page - Intersil Corporation ISL6843 Datasheet HTML 8Page - Intersil Corporation ISL6843 Datasheet HTML 9Page - Intersil Corporation ISL6843 Datasheet HTML 10Page - Intersil Corporation ISL6843 Datasheet HTML 11Page - Intersil Corporation ISL6843 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
FN9124.11
February 23, 2012
Maximum Duty Cycle
ISL6840, ISL6842, ISL6843
94
96
-
%
ISL6841, ISL6844, ISL6845
47
48
-
%
Minimum Duty Cycle
ISL6840, ISL6842, ISL6843
-
-
0
%
ISL6841, ISL6844, ISL6845
-
-
0
%
NOTES:
9. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
10. This is the VDD current consumed when the device is active but not switching. Does not include gate drive current.
11. Limits established by characterization and are not production tested.
12. Adjust VDD above the start threshold and then lower to 15V.
Electrical Specifications
Recommended operating conditions unless otherwise noted. Refer to “Functional Block Diagram” and
“Typical Application” schematic on pages 3 and 4. VDD = 15V (Note 12), Rt = 10kΩ, Ct = 3.3nF,
TA = -40°C to +105°C (Industrial) or TA = 0°C to +70°C (Commercial), Typical values are at TA = +25°C.
Boldface limits apply over the operating temperature range, -40°C to +105°C or 0°C to +70°C
. (Continued)
PARAMETER
TEST CONDITIONS
MIN
(Note 9)
TYP
MAX
(Note 9)
UNITS
Typical Performance Curves
FIGURE 1. FREQUENCY vs TEMPERATURE
FIGURE 2. REFERENCE VOLTAGE vs TEMPERATURE
FIGURE 3. EA REFERENCE vs TEMPERATURE
FIGURE 4. RESISTANCE FOR CT CAPACITOR VALUES GIVEN
1.02
1.01
1.00
0.99
0.98
0.97
-40
-10
20
50
80
110
TEMPERATURE (°C)
TEMPERATURE (°C)
1.001
1.000
0.999
0.998
0.997
0.996
0.995
-40 -25
-10
5
20
35
50
65
80
95 110
TEMPERATURE (°C)
1.002
1.000
0.998
0.996
0.994
-40 -25
-10
5
20
35
50
65
80
95
110
103
100
10
1
10
20
30
40
50
60
70
80
90
100
RT (k
Ω)
100pF
220pF
330pF
470pF
1.0nF
2.2nF
3.3nF
4.7nF
ISL6840, ISL6841, ISL6842, ISL6843, ISL6844, ISL6845


Similar Part No. - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6843 INTERSIL-ISL6843 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended
ISL6843 INTERSIL-ISL6843 Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
More results

Similar Description - ISL6843

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6840 INTERSIL-ISL6840_07 Datasheet
278Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840IRZ-T INTERSIL-ISL6840IRZ-T Datasheet
372Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
September 29, 2015
ISL6843CBZ-T INTERSIL-ISL6843CBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6843IBZ-T INTERSIL-ISL6843IBZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6842 INTERSIL-ISL6842 Datasheet
264Kb / 9P
   Improved Industry Standard Single Ended Current Mode PWM Controller
ISL78215 INTERSIL-ISL78215 Datasheet
231Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
ISL6840 INTERSIL-ISL6840 Datasheet
287Kb / 12P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Renesas Technology Corp
ISL6840 RENESAS-ISL6840 Datasheet
683Kb / 14P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
logo
Intersil Corporation
ISL6840IUZ-T INTERSIL-ISL6840IUZ-T Datasheet
391Kb / 13P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
February 23, 2012
logo
Renesas Technology Corp
ISL78215 RENESAS-ISL78215 Datasheet
578Kb / 11P
   Improved Industry Standard Single-Ended Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com