Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL1208IU8Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL1208IU8Z
Description  Low Power RTC with Battery Backed SRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1208IU8Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL1208IU8Z Datasheet HTML 4Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 5Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 6Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 7Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 8Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 9Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 10Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 11Page - Intersil Corporation ISL1208IU8Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
FN8085.8
September 12, 2008
General Description
The ISL1208 device is a low power real time clock with
timing and crystal compensation, clock/calendar, power fail
indicator, periodic or polled alarm, intelligent battery backup
switching, and battery-backed user SRAM.
The oscillator uses an external, low-cost 32.768kHz crystal.
The real time clock tracks time with separate registers for
hours, minutes, and seconds. The device has calendar
registers for date, month, year and day of the week. The
calendar is accurate through 2099, with automatic leap year
correction.
The ISL1208's powerful alarm can be set to any
clock/calendar value for a match. For example, every
minute, every Tuesday or at 5:23 AM on March 21. The
alarm status is available by checking the Status Register, or
the device can be configured to provide a hardware interrupt
via the IRQ pin. There is a repeat mode for the alarm
allowing a periodic interrupt every minute, every hour, every
day, etc.
The device also offers a backup power input pin. This VBAT
pin allows the device to be backed up by battery or Super
Capacitor with automatic switchover from VDD to VBAT. The
entire ISL1208 device is fully operational from 2.0V to 5.5V
and the clock/calendar portion of the device remains fully
operational down to 1.8V (Standby Mode).
Pin Description
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal
is used with the ISL1208 to supply a timebase for the real
time clock. Internal compensation circuitry provides high
accuracy over the operating temperature range from
-40°C to +85°C. This oscillator compensation network can
be used to calibrate the crystal timing accuracy over
temperature either during manufacturing or with an external
temperature sensor and microcontroller for active
compensation. The device can also be driven directly from a
32.768kHz source at pin X1.
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event that the VDD
supply fails. This pin can be connected to a battery, a Super
Cap or tied to ground if not used.
IRQ/fOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or
frequency output pin. The IRQ/FOUT mode is selected via
the frequency out control bits of the control/status register.
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action. It is an open drain
active low output.
• Frequency Output Mode. The pin outputs a clock signal
which is related to the crystal frequency. The frequency
output is user selectable and enabled via the I2C bus. It is
an open drain active low output.
Serial Clock (SCL)
The SCL input is used to clock all serial data into and out of
the device. The input buffer on this pin is always active (not
gated). It is disabled when the backup power supply on the
VBAT pin is activated to minimize power consumption.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It has an open drain output and may be ORed
with other open drain or open collector outputs. The input
buffer is always active (not gated) in normal mode.
An open drain output requires the use of a pull-up resistor.
The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is
designed for 400kHz I2C interface speeds. It is disabled
when the backup power supply on the VBAT pin is activated.
VDD, GND
Chip power supply and ground pins. The device will operate
with a power supply from 2.0V to 5.5VDC. A 0.1µF capacitor
is recommended on the VDD pin to ground.
Functional Description
Power Control Operation
The power control circuit accepts a VDD and a VBAT input.
Many types of batteries can be used with Intersil RTC
products. For example, 3.0V or 3.6V Lithium batteries are
appropriate, and battery sizes are available that can power
FIGURE 7. STANDARD OUTPUT LOAD FOR TESTING THE
DEVICE WITH VDD = 5.0V
SDA
AND
IRQ/fOUT
1533
Ω
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
FIGURE 8. RECOMMENDED CRYSTAL CONNECTION
X1
X2
ISL1208


Similar Part No. - ISL1208IU8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1208IU8Z INTERSIL-ISL1208IU8Z Datasheet
393Kb / 21P
   I2C Real Time Clock/Calendar
ISL1208IU8Z INTERSIL-ISL1208IU8Z Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1208IU8Z RENESAS-ISL1208IU8Z Datasheet
1,010Kb / 24P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
ISL1208IU8Z RENESAS-ISL1208IU8Z Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
ISL1208IU8Z-T7A RENESAS-ISL1208IU8Z-T7A Datasheet
1Mb / 25P
   I2C Real Time Clock/Calendar, Low Power RTC with Battery Backed SRAM
Jul 15, 2022
More results

Similar Description - ISL1208IU8Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1218 INTERSIL-ISL1218 Datasheet
351Kb / 21P
   Low Power RTC with Battery Backed SRAM
ISL1208 INTERSIL-ISL1208_06 Datasheet
348Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Renesas Technology Corp
ISL1218 RENESAS-ISL1218 Datasheet
883Kb / 21P
   Low Power RTC with Battery Backed SRAM
logo
Intersil Corporation
ISL12022MR5421 INTERSIL-ISL12022MR5421 Datasheet
401Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 5ppm
ISL1221 INTERSIL-ISL1221 Datasheet
649Kb / 24P
   Low Power RTC with Battery Backed
ISL1209 INTERSIL-ISL1209 Datasheet
416Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1219 INTERSIL-ISL1219 Datasheet
643Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 INTERSIL-ISL1209_06 Datasheet
358Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
logo
Renesas Technology Corp
ISL1219 RENESAS-ISL1219 Datasheet
994Kb / 24P
   Low Power RTC with Battery Backed SRAM and Event Detection
ISL1209 RENESAS-ISL1209 Datasheet
998Kb / 25P
   Low Power RTC with Battery Backed SRAM and Event Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com