Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW2010562RF0EAHP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CRCW2010562RF0EAHP
Description  Pulse Proof, High Power Thick Film Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW2010562RF0EAHP Datasheet(HTML) 1 Page - Vishay Siliconix

  CRCW2010562RF0EAHP Datasheet HTML 1Page - Vishay Siliconix CRCW2010562RF0EAHP Datasheet HTML 2Page - Vishay Siliconix CRCW2010562RF0EAHP Datasheet HTML 3Page - Vishay Siliconix CRCW2010562RF0EAHP Datasheet HTML 4Page - Vishay Siliconix CRCW2010562RF0EAHP Datasheet HTML 5Page - Vishay Siliconix CRCW2010562RF0EAHP Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.vishay.com
For technical questions, contact: thickfilmchip@vishay.com
Document Number: 20043
1
Revision: 07-May-09
Pulse Proof, High Power Thick Film Chip Resistors
CRCW....-HP e3
Vishay
FEATURES
• Excellent pulse load capability
• Enhanced power rating
• Double side printed resistor element
• Protective overglaze
• Lead (Pb)-free solder contacts on Ni barrier layer
• Pure tin plating provides compatibility with lead (Pb)-free
and lead containing soldering processes
• Compliant to RoHS directive 2002/95/EC
• AEC-Q200, rev. C compliant
Notes
(1) CRCW0402-HP resistors feature a single side printed resistive layer only
• These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over
operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime
• Marking and packaging: see appropriate catalog or web page
• Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material
Note
(1) The power dissipation on the resistors generates a temperature rise against the local ambient, depending on the heat flow support of the
printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
POWER RATING
P70
W
LIMITING
ELEMENT
VOLTAGE
MAX. V
TEMPERATURE
COEFFICIENT
ppm/K
TOLERANCE
%
RESISTANCE
RANGE
Ω
E-SERIES
INCH
METRIC
CRCW0402-HP e3
0402
1005
0.125 (1)
50
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 2.5 A
CRCW0603-HP e3
0603
1608
0.25
75
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 4 A
CRCW0805-HP e3
0805
2012
0.33
150
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 5 A
CRCW1206-HP e3
1206
3216
0.5
200
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 6 A
CRCW2010-HP e3
2010
5025
1.0
400
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 10 A
CRCW2512-HP e3
2512
6332
1.5
500
± 100
± 1
1R to 1M
E24 + E96
± 200
± 5
E24
Zero-Ohm-Resistor:
Rmax. = 0.010 Ω, Imax. = 14 A
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT CRCW0402-HP CRCW0603-HP CRCW0805-HP CRCW1206-HP CRCW2010-HP CRCW2512-HP
Rated Dissipation
P70 (1)
W
0.125
0.25
0.33
0.5
1.0
1.5
Limiting Element Voltage
Umax. AC/DC
V
50
75
150
200
400
500
Insulation Voltage
Uins. (1 min)
V
> 75
> 100
> 200
> 300
Insulation Resistance
Ω
> 109
Category Temperature Range
°C
- 55 to + 155
Weight
mg
0.65
2
5.5
10
25.5
42


Similar Part No. - CRCW2010562RF0EAHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW2010562RF0EAHP VISHAY-CRCW2010562RF0EAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
More results

Similar Description - CRCW2010562RF0EAHP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW1206510RFKEA VISHAY-CRCW1206510RFKEA Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW-HP-E3 VISHAY-CRCW-HP-E3 Datasheet
152Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 16-Sep-16
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCWHPE3 VISHAY-CRCWHPE3 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603562RFKEAHP VISHAY-CRCW0603562RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0603820RFKEAHP VISHAY-CRCW0603820RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW-HPE3 VISHAY-CRCW-HPE3 Datasheet
148Kb / 10P
   Pulse Proof, High Power Thick Film Chip Resistors
01-Jan-2022
CRCW0402220RFKEAHP VISHAY-CRCW0402220RFKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW12100000Z0EAHP VISHAY-CRCW12100000Z0EAHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW25121R05FKEGHP VISHAY-CRCW25121R05FKEGHP Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com