Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1570 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1570
Description  5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1570 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1570 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1570 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
AIC1570
5
TYPICAL PERFORMANCE CHARACTERISTICS
UGATE
LGATE
UGATE
LGATE
FIG.1 The gate drive waveforms
Switching Frequency (KHz)
100
150
200
250
300
350
400
0
10
20
30
40
50
60
CUGATE=CLGATE=CGATE
VCC=12V
CGATE=5000pF
CGATE=2000pF
CGATE=660pF
100
150
200
250
300
350
400
1
10
100
1000
10000
Switching Frequency (KHz)
RT Pull Down to GND
RT Pull Up to +12V
450
FIG. 2 Bias Supply Current VS. Frequency
FIG. 3 R
T Resistance VS. Frequency
SS (2V/div)
VOUT3 (1V/div)
VOUT2 (1V/div)
VOUT1 (1V/div)
PGOOD (5V/div)
VDAC=3.5V
VDAC=1.3V
VDAC=2V
SS
FIG.4 Soft Start Interval with 3 Outputs and PGOOD
FIG. 5 Soft Start Initiates PWM Output


Similar Part No. - AIC1570

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1571CS AIC-AIC1571CS Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1573CS AIC-AIC1573CS Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
More results

Similar Description - AIC1570

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1573 AIC-AIC1573 Datasheet
316Kb / 19P
   5-bit DAC, Synchronous PWM Power Regulator with Simple PWM Power Regulator, LDO And Linear Controller
logo
Silicon Standard Corp.
SS6570 SSC-SS6570 Datasheet
697Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulatro with LDO and Linear Controller
logo
Analog Intergrations Co...
AIC1567 AIC-AIC1567 Datasheet
237Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator with Linear Controller
logo
Silicon Standard Corp.
SS6571 SSC-SS6571 Datasheet
698Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
logo
Analog Intergrations Co...
AIC1571 AIC-AIC1571 Datasheet
462Kb / 18P
   5-bit DAC, Synchronous PWM Power Regulator with Dual Linear Controllers
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Silicon Standard Corp.
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
   5-bit DAC, Synchronous PWM Power Controller
logo
Analog Intergrations Co...
AIC1569A AIC-AIC1569A Datasheet
240Kb / 7P
   5-bit DAC, Synchronous PWM Power Regulator
AIC1566 AIC-AIC1566 Datasheet
251Kb / 7P
   4-bit DAC, Simple PWM Power Regulator With Linear Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com