Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTFCS20-20 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTFCS20-20
Description  Transformers Chassis Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CTFCS20-20 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTFCS20-20 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTFCS20-20 Datasheet HTML 2Page - List of Unclassifed Manufacturers CTFCS20-20 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transformers
Chassis Mount
<Page 1>
20/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Features:
• Single 230 V primary windings
• Double section metric bobbins
• Power : 6 to 200 VA, 50 / 60 Hz
• Temperature class : B (130°C)
• Dielectric strength : 3,750 Vrms
• Manufactured and tested in accordance with EN60950 and EN61558
Specifications:
Maximum winding temperature
: 55°C
Overall insulation rating
: > 50 M
Ω (at 500 V, 20°C)
Flash test (isolation test)
: Primary / secondary / lamination 2.4 kVrms
Winding wire
: Polyurethane coated IEC317 grade 1
Tape
: 3M no 56 or 36M no 1350Y thermosetting
Core
: 400 / 50
Finish
: Ultimeg 3.72 clear
Dimension Table
Dimensions : Millimetres
Dimensions
VA
Rating
Reg%
A
B
C
D
E
F
G
H
I
J
K
Weight (g)
6
24
55
68
37
45
36
-
-
-
-
-
-
170
12
16
74
90
50
60
45
390
20
12
52
530
50
9
94
106
65
79
53
985
Dimensions : Millimetres


Similar Part No. - CTFCS20-20

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTFCF CT-CTFCF Datasheet
205Kb / 1P
   Flat Coils - Radial
CTFCF-100K CT-CTFCF-100K Datasheet
205Kb / 1P
   Flat Coils - Radial
CTFCF-101K CT-CTFCF-101K Datasheet
205Kb / 1P
   Flat Coils - Radial
CTFCF-102K CT-CTFCF-102K Datasheet
205Kb / 1P
   Flat Coils - Radial
CTFCF-103K CT-CTFCF-103K Datasheet
205Kb / 1P
   Flat Coils - Radial
More results

Similar Description - CTFCS20-20

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCF-B1805F ETC2-MCF-B1805F Datasheet
206Kb / 4P
   Chassis Mounting Transformers
logo
RENCO ELECTRONICS, INC.
RL-2270 RENCO-RL-2270 Datasheet
1Mb / 2P
   TWO IN ONE??POWER TRANSFORMERS ??CHASSIS MOUNT
RLD-2270 RENCO-RLD-2270 Datasheet
1Mb / 2P
   TWO IN ONE??POWER TRANSFORMERS CHASSIS MOUNT
RL-2271 RENCO-RL-2271 Datasheet
123Kb / 2P
   TWO IN ONE??TRIPLE OUTPUT POWER TRANSFORMERS CHASSIS MOUNT
RLD-2271 RENCO-RLD-2271 Datasheet
124Kb / 2P
   TWO IN ONE??TRIPLE OUTPUT POWER TRANSFORMERS CHASSIS MOUNT
RL-2261 RENCO-RL-2261 Datasheet
122Kb / 3P
   ALL IN ONE??INTERNATIONAL TRIPLE OUTPUT POWER TRANSFORMERS ??CHASSIS MOUNT
logo
Powerbox
PBBA-2505G-CM POWERBOX-PBBA-2505G-CM Datasheet
608Kb / 1P
   CHASSIS MOUNT
logo
XFMRS Inc.
1006 XFMRS-1006 Datasheet
188Kb / 2P
   SURFACE MOUNT TRANSFORMERS
X03061SM XFMRS-X03061SM Datasheet
72Kb / 1P
   Surface Mount Transformers
logo
RENCO ELECTRONICS, INC.
RLD-2220 RENCO-RLD-2220 Datasheet
1Mb / 3P
   PCB MOUNT TRANSFORMERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com