Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8822QBI Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8822QBI
Description  System Power PWM Controller for Notebook Computers with Charge Pump
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8822QBI Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8822QBI Datasheet HTML 3Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 4Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 5Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 6Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 7Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 8Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 9Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 10Page - Anpec Electronics Coropration APW8822QBI Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2012
APW8822/A/B/C
www.anpec.com.tw
7
Electrical Characteristics (Cont.)
Refer to the typical application circuits. These specifications apply over V
IN=12V and TA= -40 ~ 85 °C, unless otherwise
specified. Typical values are at T
A=25°C.
APW8822
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
GATE DRIVERS
UG Pull-Up Resistance
VBOOTx – VUGATEx=250mV
-
3
5
UG Sink Resistance
VUGATEx – VPHASEx=250mV
-
1.7
2.5
LG Pull-Up Resistance
VLDO5 – VLGATEx=250mV
-
3
5
LG Sink Resistance
VLGATEx – VPGND=250mV
-
1
2
Dead Time
UG falling to LG rising
-
20
-
ns
LG falling to UG rising
-
20
-
ns
BOOTSTRAP SWITCH
VF
Forward Voltage
VLDO5 – VBOOTx-GND, IF = 10mA
-
0.4
0.5
V
IR
Reverse Leakage
VBOOTx-GND = 30V, VPHASEx = 25V,
VLDO5 = 5V
-
-
0.5
µA


Similar Part No. - APW8822QBI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
More results

Similar Description - APW8822QBI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com