Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8822AQBI-TRL Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW8822AQBI-TRL
Description  System Power PWM Controller for Notebook Computers with Charge Pump
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8822AQBI-TRL Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW8822AQBI-TRL Datasheet HTML 7Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 8Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 9Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 10Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 11Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 12Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 13Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 14Page - Anpec Electronics Coropration APW8822AQBI-TRL Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Nov., 2012
APW8822/A/B/C
www.anpec.com.tw
11
Pin Description (Cont.)
PIN
NO.
APW8822/B/C
APW8822A
NAME
FUNCTION
11
11
LGATE2
Output of The Low-Side MOSFET Driver for PWM2. Connect this pin to Gate
of the low-side MOSFET. Swings from PGND to LDO5.
12
12
VIN
Battery voltage input pin. VIN powers linear regulators and is also used for
the constant on-time PWM on-time one-shot circuits. Connect VIN to the
battery input and bypass with a 1
µF capacitor for noise interference.
13
13
LDO5
5V Linear Regulator Output. LDO5 can provide a total of 100mA, 5V external
loads. When LDO5 is at 5V and PWM1 output voltage is over 4.7V bypass
threshold, the internal LDO will shut down, and LDO5 output pin connects to
VOUT1 through a 1.5
Ω switch. Bypass to GND with a minimum of 1.0uF
ceramic capacitor for stability.
14
14
BYP
BYP is the input pin of switchover voltage for the LDO5. This pin makes a
direct measurement of the PWM1 output voltage.
15
15
LGATE1
Output of The Low-Side MOSFET Driver for PWM1. Connect this pin to Gate
of the low-side MOSFET. Swings from PGND to LDO5.
16
16
UGATE1
Output of The High-Side MOSFET Driver for PWM1. Connect this pin to Gate
of the high-side MOSFET.
17
17
BOOT1
Supply Input for The UGATE1 Gate Driver and an internal level-shift circuit.
Connect to an external capacitor to create a boosted voltage suitable to drive
a logic-level N-channel MOSFET.
18
18
PHASE1
Junction Point of The High-Side MOSFET Source, Output Filter Inductor and
The Low-Side MOSFET Drain for PWM1. Connect this pin to the Source of
the high-side MOSFET. PHASE1 serves as the lower supply rail for the
UGATE1 high-side gate driver. PHASE1 is the current-sense input for the
PWM1.
19
19
VCLK
250kHz Clock Output for 15V Charge Pump.
20
-
EN1
PWM1 Enable. PWM1 is enabled when EN1=1. When EN1=0, PWM1 is in
shutdown.
-
20
ENLDO
Master Enable Input. The LDOx is enabled when ENLDO=1. When
ENLDO=0, the LDOx is shutdown. See the table2 “
Power-Up Control
Logics”.
Thermal Pad
Thermal Pad
GND
Signal Ground for The IC.


Similar Part No. - APW8822AQBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QAI-TRG ANPEC-APW8820QAI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8820QBI-TRG ANPEC-APW8820QBI-TRG Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
More results

Similar Description - APW8822AQBI-TRL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8820 ANPEC-APW8820 Datasheet
534Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com