Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1608C0G1H0R5B050A Datasheet(PDF) 3 Page - TDK Electronics

Part # C1608C0G1H0R5B050A
Description  Multilayer Ceramic Chip Capacitors
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C1608C0G1H0R5B050A Datasheet(HTML) 3 Page - TDK Electronics

  C1608C0G1H0R5B050A Datasheet HTML 1Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 2Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 3Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 4Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 5Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 6Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 7Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 8Page - TDK Electronics C1608C0G1H0R5B050A Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
(2/30)
007-02 / 20110907 / e412_c.fm
• All specifications are subject to change without notice.
Please read the precautions before using this catalog.
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.
• For more information about the products of other capacitance or data, please contact us.
Multilayer Ceramic Chip Capacitors
General Use
C Series
FEATURES
• An electrostatic capacity has been obtained that reaches the
electrolytic capacitor range through precision technology that
enables the use of multiple thinner ceramic dielectric layers.
• Since these capacitors are composed of only ceramics and
metals and have a monolithic structure, they offer a long service
life and high reliability.
• Low ESL and excellent frequency characteristics allow for a
circuit design that closely conforms to theoretical values.
• Low self-heating and high ripple resistance due to low ESR.
APPLICATION EXAMPLES
• Decoupling and ripple filters for general electronic devices
• Time constant circuits, resonance circuits, coupling circuits
(Products with CH or C0G temperature characteristics are
recommended. Use as a replacement for film capacitors is also
possible.)
SHAPES AND DIMENSIONS
DIMENSIONS
The dimensions of each product are described within the product
name.
Dimensions L
×W
The 4-digit number in the product name corresponds to the
dimensions of L
×W.
Refer to the table below for specific values.
Dimensions in mm
• Dimension tolerances are typical values.
Product’s Thickness T
The value in parentheses at the end of the product name
corresponds to thickness T.
Refer to the table of "CAPACITANCE RANGES" for specific values.
Conformity to RoHS Directive
Dimension code
L
W
B
0402
0.4±0.02
0.2±0.02
0.07min.
0603
0.6±0.03
0.3±0.03
0.1min.
1005
1.0±0.05
0.5±0.05
0.1min.
1608
1.6±0.1
0.8±0.1
0.2min.
2012
2.0±0.2
1.25±0.2
0.2min.
3216
3.2±0.2
1.6±0.2
0.2min.
3225
3.2±0.4
2.5±0.3
0.2min.
4532
4.5±0.4
3.2±0.4
0.2min.
5750
5.7±0.4
5.0±0.4
0.2min.
B
L


Similar Part No. - C1608C0G1H0R5B050A

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C1608C0G1H0R5B TDK-C1608C0G1H0R5B Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors General use
C1608C0G1H0R5BTXXXX TDK-C1608C0G1H0R5BTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C1608C0G1H0R5B050A

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com