Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8820QAI-TRG Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW8820QAI-TRG
Description  System Power PWM Controller for Notebook Computers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8820QAI-TRG Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW8820QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration APW8820QAI-TRG Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.1 - Dec., 2012
APW8820
www.anpec.com.tw
10
Pin Description (Cont.)
PIN
TQFN4x4-24 QFN3x3-20
NAME
Function
21
18
PHASE5
This pin is the return path for the high-side gate driver of PWM5. Connecting this pin to
the high-side MOSFET source and connecting a capacitor to BOOT5 for the bootstrap
voltage.
22
19
SYSPOK
PWM5 and PWM3 Power Good Output Indicator. This pin used to indicate the status of
the PWM5 and PWM3. If an fault even detected on FB5, this pin represents a 100Ω
resistance. If an fault even detected on FB3, this pin represents a 45Ω resistance.
Once the VFB5 and VFB3 exceed 90% of reference voltage and operate normally, this pin
represents high impedance.
23
-
BYP
Bypass this pin to LDO5. Once VBYP exceeds 4.68V, an internal switch connects BYP to
LDO5. Connecting this pin to output of PWM5.
24
20
CSN5
Negative Input of current sensing amplifier for PWM5. This pin combined with CSP5
senses the inductor current through an RC network.
Exposed
Pad
Exposed
Pad
GND
Signal and Power Ground.


Similar Part No. - APW8820QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8821 ANPEC-APW8821 Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8821QBI-TRL ANPEC-APW8821QBI-TRL Datasheet
447Kb / 24P
   Notebook PWM Controller with Differential Voltage Feedback
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8822A ANPEC-APW8822A Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8822AQBI ANPEC-APW8822AQBI Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
More results

Similar Description - APW8820QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8822 ANPEC-APW8822 Datasheet
656Kb / 27P
   System Power PWM Controller for Notebook Computers with Charge Pump
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL6232 INTERSIL-ISL6232 Datasheet
671Kb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Maxim Integrated Produc...
MAX782 MAXIM-MAX782 Datasheet
497Kb / 32P
   Triple-Output Power-Supply Controller for Notebook Computers
Rev 2; 5/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com