Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CLT-105-02-L-D Datasheet(PDF) 1 Page - Samtec, Inc

Part No. CLT-105-02-L-D
Description  2mm LOW PROFILE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMTEC [Samtec, Inc]
Homepage  http://www.samtec.com/
Logo 

CLT-105-02-L-D Datasheet(HTML) 1 Page - Samtec, Inc

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLT–130–02–L–D
Tiger ClawTM
contacts
(2,00mm)
.0787" pitch
Available with optional
Pick & Place Pads
Available with optional
alignment pins
Suitable for
pass-through
applications
Low profile
(2,21mm)
.087"
CLT–108–02–F–D–A–K
CLT–116–02–F–D–A
WWW.SAMTEC.COM
2mm LOW PROFILE CLT SERIES
PLATING
OPTION
NO. PINS
PER ROW
1
CLT
D
02 thru 50
OTHER
OPTIONS
All options require
Style –02
–BE
= Bottom Entry
(Required for bottom
entry applications)
–A
= Alignment Pin
(3 positions minimum)
Metal or plastic at
Samtec’s discretion
–K
= (5,00mm) .197" DIA
Polyimide Film
Pick & Place Pad
(04 thru 50 only)
–P
= Pick & Place Pad
(4 positions minimum)
(Not always necessary
for auto placement.)
–TR
= Tape & Reel
Packaging
(36 positions max)
Mates with:
TMM, TMMH,
MTMM, MMT,
TW
For complete specifications and
recommended PCB layouts
see www.samtec.com?CLT
Insulator Material:
Black Liquid Crystal
Polymer
Contact Material:
Phosphor Bronze
Plating: Sn or Au over
50µ" (1,27µm) Ni
Current Rating:
2A @ 80°C ambient
Operating Temp Range:
-55°C to +125°C
Contact Resistance:
10 m
Ω max
Insertion Depth:
Top Entry=
(1,40mm) .055" minimum
Bottom Entry=
(2,57mm) .101" minimum
(add board thickness for
correct post OAL)
Insertion Force:
(Single contact only)
1.8oz (0,50N) avg.
Withdrawal Force:
(Single contact only)
.6oz (0,17N) avg.
Max Cycles:
100 with 10µ" (0,25µm) Au
RoHS Compliant:
Yes
Processing:
Max Processing Temp:
230°C for 60 seconds, or
260°C for 20 seconds 3x
Lead–Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10mm) .004" max (02-25)
(0,15mm) .006" max (26-34)
(0,20mm) .008" max (35-50)
Note: Some lengths,
styles and options are
non-standard, non-returnable.
TAPE & REEL
AVAILABILITY
Call Samtec
for specifications
and ordering
information.
No tooling charges.
125 piece minimum
order.
Order any quantity
above minimum.
In-house design,
manufacture.
Quick turn-around.
F-208
LEAD
STYLE
–01
= Through-
hole
–02
= Surface
Mount
SPECIFICATIONS
–G
= 10µ" (0,25µm)
Gold
–L
= 10µ" (0,25µm)
Gold on contact,
Matte Tin on tail
–F
= Gold flash
on contact,
Matte Tin on tail
*Processing Note:
For Pass-through application drill PCB on (2,22)
.0874 row spacing & (1,22) .048 DIA holes
(4,00)
.157
No. of positions x
(2,00) .0787
01
02
(2,00)
.0787
(2,13)
.084
(0,51)
.020
(0,51)
.020
(0,64)
.025
DIA
(0,81)
.032
(5,08)
.200
x
(5,71)
.225
(5,16)
.203
(2,26)
.089
(3,02)
*
.119
(2,16)
.085
–01
–A
–P
–02


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn