Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRO03000201001JN4 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # PRO03000201001JN4
Description  Power Metal Film Leaded Resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRO03000201001JN4 Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button PRO03000201001JN4 Datasheet HTML 5Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 6Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 7Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 8Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 9Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 10Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 11Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 12Page - Vishay Siliconix PRO03000201001JN4 Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PR01/02/03
www.vishay.com
Vishay BCcomponents
Revision: 24-Jun-13
9
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INTERRUPTION CHARACTERISTICS
PR02 Time to interruption as a function of overload power
for range: 5 R
 R
n  68 R
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR02 Time to interruption as a function of overload power
for range: 68 R
 R
n  560 R
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
PR03 Time to interruption as a function of overload power
for range: 0.68 R
 R
n  560 R
This graph is based on measured data under constant voltage
conditions; the data may deviate according to the applications.
APPLICATION INFORMATION
PR01 Temperature rise (
T) at the lead end (soldering point) as a
function of dissipated power at various lead lengths after mounting.
PR01 Hot-spot temperature rise (
T) as a function
of dissipated power.
PR01 Hot-spot temperature rise (
T) as a function
of dissipated power.
10 2
10
1
10-1
100
120
20
80
40
60
P
overload (W)
t
(s)
0
10 2
10
1
10-1
100
120
20
80
40
60
P
overload (W)
t
(s)
0
10 2
10
1
10-1
250
50
0
200
100
150
Poverload (W)
t
(s)
100
0
0.4
1.2
0
0.8
20
40
60
80
∆T
(K)
P
(W)
15 mm
20 mm
25 mm
Ø 0.6 mm Cu-leads
Minimum distance from resistor body to PCB = 1 mm
200
0
0.4
1.2
0
0.8
40
80
120
160
∆T
(K)
P (W)
Ø 0.6 mm Cu-leads
200
0
0.4
1.2
0
0.8
40
80
120
160
∆T
(K)
P (W)
Ø 0.6 mm FeCu-leads


Similar Part No. - PRO03000201001JN4

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
PRO-411 HONEYWELL-PRO-411 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
186Kb / 4P
   Digital Alarm Communicator Transmitter
logo
rfsolutions.ltd
PRO-BLADE16 RFSOLUTIONS-PRO-BLADE16 Datasheet
2Mb / 7P
   Professional Radio Control
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
More results

Similar Description - PRO03000201001JN4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com