Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRO0200Z101001FA5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # PRO0200Z101001FA5
Description  Power Metal Film Leaded Resistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PRO0200Z101001FA5 Datasheet(HTML) 3 Page - Vishay Siliconix

  PRO0200Z101001FA5 Datasheet HTML 1Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 2Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 3Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 4Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 5Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 6Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 7Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 8Page - Vishay Siliconix PRO0200Z101001FA5 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PR01/02/03
www.vishay.com
Vishay BCcomponents
Revision: 24-Jun-13
3
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
DIMENSIONS - Straight lead type and relevant physical dimensions; see straight leads outline
TYPE
Ø DMAX.
(mm)
L1 MAX.
(mm)
L2 MAX.
(mm)
Ø d
(mm)
Cu
FeCu
PR01
2.5
6.5
8.0
0.58 ± 0.05
-
PR02
3.9
10.0
12.0
0.78 ± 0.05
0.58 ± 0.05
PR03
5.2
16.7
19.5
0.78 ± 0.05
0.58 ± 0.05
Ø D
L1
L2
Ø d
Type with straight leads
DIMENSIONS - Double kink lead type and relevant physical dimensions; see double kinked outline
TYPE
LEAD STYLE
Ø d
(mm)
b1
(mm)
b2
(mm)
Ø DMAX.
(mm)
P1
(mm)
P2
(mm)
SMAX.
(mm)
Ø B
(mm)
Cu
FeCu
PR01
Double kink
17.8 mm pitch
0.58 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/- 0.20
1.45
+ 0.25/- 0.20
2.5
17.8
17.8
2
0.8
Double kink
12.5 mm pitch
-
0.58 ± 0.05
1.10
+ 0.25/- 0.20
1.45
+ 0.25/- 0.20
12.5
12.5
2
0.8
PR02
Double kink
17.8 mm pitch
0.78 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/- 0.20
1.45
+ 0.25/- 0.20
3.9
17.8
17.8
2
0.8
Double kink
12.5 mm pitch
-
0.78 ± 0.05
1.30
+ 0.25/- 0.20
1.65
+ 0.25/- 0.20
15.0
15.0
2
1.0
PR03
Double kink
17.8 mm pitch
0.78 ± 0.05
0.58 ± 0.05
1.10
+ 0.25/- 0.20
1.65
+ 0.25/- 0.20
5.2
25.4
25.4
2
1.0
Double kink
12.5 mm pitch
-
0.78 ± 0.05
1.30
+ 0.25/- 0.20
2.15
+ 0.25/- 0.20
22.0
20.0
2
1.0
Ø D
P
1 ± 0.5
S
Ø B
± 0.07
Ø d
b
1
4.5
+ 1
0
b
2
8 + 2
L
1
L
2
P
2 ± 3
P
1 ± 0.5
Type with double kink
Dimensions in millimeters


Similar Part No. - PRO0200Z101001FA5

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
PRO-411 HONEYWELL-PRO-411 Datasheet
72Kb / 2P
   2 and 4 Zone Conventional Fire Alarm Control Panels
logo
Gamewell-FCI by Honeywe...
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
PRO-411 GAMEWELL-FCI-PRO-411 Datasheet
186Kb / 4P
   Digital Alarm Communicator Transmitter
logo
rfsolutions.ltd
PRO-BLADE16 RFSOLUTIONS-PRO-BLADE16 Datasheet
2Mb / 7P
   Professional Radio Control
PRO-BLADE8 RFSOLUTIONS-PRO-BLADE8 Datasheet
526Kb / 6P
   Professional Radio Control
More results

Similar Description - PRO0200Z101001FA5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01 VISHAY-PR01_V01 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
MBASMA0204 VISHAY-MBASMA0204 Datasheet
184Kb / 15P
   Professional Metal Film Leaded Resistors
01-Jan-2022
logo
List of Unclassifed Man...
MFR0318 ETC-MFR0318 Datasheet
1Mb / 2P
   PRECISION METAL FILM LEADED RESISTORS
logo
KOA Speer Electronics, ...
LF14CTTA1000D KOA-LF14CTTA1000D Datasheet
234Kb / 2P
   radial metal film leaded resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com