Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPDQ5V0-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CPDQ5V0-HF
Description  SMD ESD Protection Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CPDQ5V0-HF Datasheet(HTML) 4 Page - Comchip Technology

  CPDQ5V0-HF Datasheet HTML 1Page - Comchip Technology CPDQ5V0-HF Datasheet HTML 2Page - Comchip Technology CPDQ5V0-HF Datasheet HTML 3Page - Comchip Technology CPDQ5V0-HF Datasheet HTML 4Page - Comchip Technology CPDQ5V0-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4
REV: B
SMD ESD Protection Diode
Comchip Technology CO., LTD.
Marking Code
C
QW-JP028
Month Code:
C: Product marking code
For example as follows:
Product marking code: C
Even Year
1
2
3
4
5
6
7
8
9
T
V
C
E
F
H
J
K
L
N
P
U
X
Y
Z
Odd Year
Month
Jan
Feb
Wer
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
(per A.D.)
(per A.D.)
C
Manufacture date_ Year: 2012 (Even year) / Month: Apr
Month code: J ( Month code rotated 90° and two dots below the month code.)
Product marking code
Month Code (
)
Apr -12
: Month Code
Part Number
CPDQ5V0-HF
Marking Code
C
C
C
Company reserves the right to improve product design , functions and reliability without notice.


Similar Part No. - CPDQ5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
   SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF Datasheet
350Kb / 5P
   SMD ESD Protection Diode
CPDQ5V0U1-HF COMCHIP-CPDQ5V0U1-HF_15 Datasheet
350Kb / 5P
   SMD ESD Protection Diode
CPDQ5V0USP-HF COMCHIP-CPDQ5V0USP-HF Datasheet
80Kb / 5P
   Ultra Low Capacitance SMD ESD Protection Diode
More results

Similar Description - CPDQ5V0-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDT6-5V0U COMCHIP-CPDT6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR5V0-HF COMCHIP-CPDQR5V0-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDV6-5V0U-HF COMCHIP-CPDV6-5V0U-HF Datasheet
97Kb / 4P
   SMD ESD Protection Diode
CPDVR085V0UA-HF COMCHIP-CPDVR085V0UA-HF Datasheet
78Kb / 5P
   SMD ESD Protection Diode
CPDQR5V0UP COMCHIP-CPDQR5V0UP Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDU12V0U COMCHIP-CPDU12V0U Datasheet
193Kb / 4P
   SMD ESD Protection Diode
CPDQR12V0U COMCHIP-CPDQR12V0U Datasheet
192Kb / 4P
   SMD ESD Protection Diode
CPDH6-5V0U COMCHIP-CPDH6-5V0U Datasheet
146Kb / 4P
   SMD ESD Protection Diode
CPDQR24V-HF COMCHIP-CPDQR24V-HF Datasheet
187Kb / 4P
   SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
   SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com