Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RNX03810G0NEEN Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RNX03810G0NEEN
Description  Metal Oxide Resistors, Special Purpose, High Voltage
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RNX03810G0NEEN Datasheet(HTML) 2 Page - Vishay Siliconix

  RNX03810G0NEEN Datasheet HTML 1Page - Vishay Siliconix RNX03810G0NEEN Datasheet HTML 2Page - Vishay Siliconix RNX03810G0NEEN Datasheet HTML 3Page - Vishay Siliconix RNX03810G0NEEN Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RNX
www.vishay.com
Vishay Dale
Revision: 19-Sep-12
2
Document Number: 31032
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Some packaging codes are model specific
• For additional information on packaging, refer to the Through-Hole Resistor Packaging document (www.vishay.com/doc?31544).
Note
(1) Available with 0.032" (0.813 mm) leads ± 0.002" (0.051 mm)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RNX025
RNX038
RNX050
RNX075
RNX100
RNX125
RNX150
RNX200
Insulation Resistance
 1011
Category Temperature Range
°C
Epoxy coated = - 55/+ 150; silicone coated = - 55/+ 225
GLOBAL PART NUMBER INFORMATION
DIMENSIONS in inches (millimeters)
GLOBAL MODEL
L
L1 MAX.
RNX025
0.290 ± 0.020 (7.37 ± 0.51)
0.358 (9.09)
RNX038
0.420 ± 0.020 (10.67 ± 0.51)
0.470 (11.94)
RNX050
0.540 ± 0.020 (13.72 ± 0.51)
0.595 (15.11)
RNX075
0.790 ± 0.020 (20.07 ± 0.51)
0.845 (21.46)
RNX100
1.040 ± 0.020 (26.42 ± 0.51)
1.100 (27.94)
RNX125
1.290 ± 0.020 (32.77 ± 0.51)
1.350 (34.29)
RNX150
1.540 ± 0.020 (39.12 ± 0.51)
1.600 (40.64)
RNX200
2.040 ± 0.020 (51.82 ± 0.51)
2.100 (53.34)
GLOBAL
RESISTANCE
TOLERANCE
TEMP.
MODEL
VALUE
CODE
COEFFICIENT
(See Standard
R =
Ω
D = ± 0.5 %
H = 50 ppm
Electrical
K = k
Ω
F = ± 1 %
K = 100 ppm
N = Non-inductive
(Dash number)
Specifications
M = M
Ω
G = ± 2 %
N = 200 ppm
P = 0.032" Ø leads
(Up to 3 digits)
table)
G = G
Ω
J = ± 5 %
910R = 910
Ω
K = ± 10 %
10M0 = 10 M
Ω
1G00 = 1.0 G
Ω
New Global Part Numbering: RNX05010K0KKLB (preferred part numbering format)
R
N
X0
5
0
10
K
0
K
K
L
B
Historical Part Number example: RNX-1/210K0KK (will continue to be accepted)
RNX-1/2
EL = Lead (Pb)-free, lacer
EE = Lead (Pb)-free, T/R
(1/4, 3/8, 1/2, 3/4, 1 only)
LB = Tin/lead, lacer
RC = Tin/lead, T/R
(1/4, 3/8, 1/2, 3/4, 1 only)
Blank = Standard
Blank = Standard
From 1 to 999
as applicable
HISTORICAL
MODEL
CONSTRUCTION
RESISTANCE
VALUE
TOLERANCE
CODE
TEMP.
COEFFICIENT
PACKAGING
10K0
K
K
L05
PACKAGING (1)
CONSTRUCTION
SPECIAL
L
1.50 ± 0.125
(38.10 ± 3.18)
L
1 max.
0.140 + 0.015 - 0.010
(3.56 + 0.38 - 0.25)
0.025 ± 0.002 (1)
(0.64 ± 0.05)
DERATING
AMBIENT TEMPERATURE IN °C
120
100
80
60
40
20
0
0
200
150
100
50
250
EPOXY
COATING
SILICONE
COATING
MATERIAL SPECIFICATIONS
Element
High temperature fired cermet film
Core
High purity 96 % alumina
Coating
Flame-retardant epoxy on RNX025 and
RNX038, flameproof silicone on RNX050
to RNX200
Termination
Standard lead material is solder-coated
copper. Solderable and weldable.
MECHANICAL SPECIFICATIONS
Terminal Strength
5 pound pull test
Solderability
Continuous satisfactory coverage when tested
in accordance with MIL-STD-202, method 208


Similar Part No. - RNX03810G0NEEN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RNx02-0.3-02 ETC2-RNx02-0.3-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RNX02-0.3-02 ETC2-RNX02-0.3-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RNx02-0.6-02 ETC2-RNx02-0.6-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
RNX02-0.6-02 ETC2-RNX02-0.6-02 Datasheet
235Kb / 6P
   Current-compensated Chokes
RNx02-1-02 ETC2-RNx02-1-02 Datasheet
700Kb / 6P
   Current-compensated Chokes
May 2011
More results

Similar Description - RNX03810G0NEEN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RNX VISHAY-RNX Datasheet
82Kb / 4P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 19-Sep-12
ROX VISHAY-ROX Datasheet
168Kb / 5P
   Metal Oxide Resistors, Special Purpose, High Voltage
Revision: 23-Dec-14
RDX VISHAY-RDX Datasheet
71Kb / 3P
   Metal Oxide Resistors Special Purpose, High Voltage, Ratio Divider
Revision: 19-Nov-10
RJU VISHAY-RJU Datasheet
95Kb / 3P
   Metal Oxide Resistors, Special Purpose High Power, Ultra High Value
Revision 09-Sep-04
HVW VISHAY-HVW Datasheet
78Kb / 3P
   Metal Alloy Resistors, Special Purpose, High Voltage
Revision: 21-Aug-06
logo
IRC - a TT electronics ...
MO-11001JLF IRCTT-MO-11001JLF Datasheet
459Kb / 1P
   METAL OXIDE RESISTORS
logo
Vishay Siliconix
CMFFUSE VISHAY-CMFFUSE Datasheet
108Kb / 3P
   Metal Film Resistors, Special Purpose, Fusible, Flameproof
Revision: 14-May14
logo
List of Unclassifed Man...
Z660PA100C ETC2-Z660PA100C Datasheet
58Kb / 1P
   SPECIAL PACKAGE HIGH ENERGY METAL OXIDE VARISTORS
logo
Panasonic Semiconductor
ERG-12SJ103 PANASONIC-ERG-12SJ103 Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
ERX-2SJR56A PANASONIC-ERX-2SJR56A Datasheet
172Kb / 7P
   Metal (Oxide) Film Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com