Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLP620 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part No. TLP620
Description  Programmable Controllers AC / DC−Input Module Telecommunication
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP620 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLP620 Datasheet HTML 1Page - Toshiba Semiconductor TLP620 Datasheet HTML 2Page - Toshiba Semiconductor TLP620 Datasheet HTML 3Page - Toshiba Semiconductor TLP620 Datasheet HTML 4Page - Toshiba Semiconductor TLP620 Datasheet HTML 5Page - Toshiba Semiconductor TLP620 Datasheet HTML 6Page - Toshiba Semiconductor TLP620 Datasheet HTML 7Page - Toshiba Semiconductor TLP620 Datasheet HTML 8Page - Toshiba Semiconductor TLP620 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP620,TLP620−2,TLP620−4
2007-10-01
5
TLP620-2
TLP620-4
IF – Ta
Ambient temperature Ta (°C)
100
0
−20
60
40
0
20
40
60
80
100
80
20
120
TLP620
PC – Ta
Ambient temperature Ta (°C)
240
−20
40
160
0
60
100
120
0
80
200
120
20
40
80
TLP620-2
TLP620-4
PC – Ta
Ambient temperature Ta (°C)
120
0
−20
40
0
40
100
80
60
20
20
60
80
100
120
TLP620
IFP – DR
Duty cycle ratio DR
3000
10
3
10
−3
10
−2
10
−1
3
30
300
100
1000
500
50
3
3
100
Pulse width≦100μs
Ta = 25°C
TLP620-2
TLP620-4
IFP – DR
Duty cycle ratio DR
3000
1000
500
300
100
50
30
10
3
10
−3
3
10
−2
3
100
Pulse width≦100μs
Ta = 25°C
10
−1
3
TLP620
IF – Ta
Ambient temperature Ta (°C)
0
−20
80
40
20
0
20
40
60
80
100
60
100
120


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn