Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP284-4 Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLP284-4
Description  Programmable Controllers AC/DC?묲nput Module Hybrid ICs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP284-4 Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TLP284-4 Datasheet HTML 2Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 3Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 4Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 5Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 6Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 7Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 8Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 9Page - Toshiba Semiconductor TLP284-4 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TLP284
−4
2009-06-05
6
I C -V CE
I C -V CE
0
10
20
30
40
50
05
10
0
5
10
15
20
25
30
00.5
1
Collector-emitter voltage VCE (V)
Collector-emitter voltage
VCE (V)
I C -I F
I CEO-Ta
0.1
1
10
100
0.1
1
10
100
0
20406080
100
120
Forward current IF (mA)
Ambient temperature Ta (˚C)
I C/ I F -I F
10
100
1000
0.1
1
10
100
Forward current IF (mA)
*The above graphs show typical characteristic.
5
10
50
30
20
15
Ta=25˚C
SAM PLE A
SAM PLE B
VCE=10V
VCE=5V
VCE=0.4V
SAM PLE A
SAM PLE B
VCE=10V
VCE=5V
VCE=0.4V
10
1
10
0
10
-1
10
-2
10
-3
10
-4
24V
10V
5V
VCE=48V
I F=2 m A
I F =5 m A
10
15
20
30
50
P C (m a x )
Ta=25˚C


Similar Part No. - TLP284-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP284 TOSHIBA-TLP284 Datasheet
390Kb / 16P
   TOSHIBA Photocoupler GaAs Ired & Photo?뭈ransistor
More results

Similar Description - TLP284-4

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP292 TOSHIBA-TLP292 Datasheet
649Kb / 11P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP290 TOSHIBA-TLP290 Datasheet
553Kb / 10P
   Programmable Controllers AC/DC-Input Module Hybrid ICs
TLP620-4GB TOSHIBA-TLP620-4GB Datasheet
234Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP130GB TOSHIBA-TLP130GB Datasheet
183Kb / 9P
   Programmable Controllers AC / DC?묲nput Module Telecommunication
TLP624F TOSHIBA-TLP624F Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP624BV TOSHIBA-TLP624BV Datasheet
210Kb / 8P
   Programmable Controllers AC/DC?묲nput Module Telecommunication
TLP521-1GBF TOSHIBA-TLP521-1GBF Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP521-1GBFT TOSHIBA-TLP521-1GBFT Datasheet
193Kb / 9P
   Programmable Controllers AC/DC?묲nput Module Solid State Relay
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP180GB-TPLFT TOSHIBA-TLP180GB-TPLFT Datasheet
188Kb / 8P
   Telephone Use Equipment Programmable Controllers AC / DC?묲nput Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com