Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7900AEDN-T1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI7900AEDN-T1
Description  Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7900AEDN-T1 Datasheet(HTML) 2 Page - Vishay Siliconix

  SI7900AEDN-T1 Datasheet HTML 1Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 2Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 3Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 4Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 5Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 6Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 7Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 8Page - Vishay Siliconix SI7900AEDN-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.vishay.com
2
Document Number: 72287
S-81544-Rev. C, 07-Jul-08
Vishay Siliconix
Si7900AEDN
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
0.40
0.9
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ± 4.5 V
± 1
µA
VDS = 0 V, VGS = ± 12 V
± 10
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 20 V, VGS = 0 V
1
µA
VDS = 20 V, VGS = 0 V, TJ = 85 °C
20
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 4.5 V, ID = 8.5 A
0.020
0.026
Ω
VGS = 2.5 V, ID = 8 A
0.022
0.030
VGS = 1.8 V, ID = 7 A
0.026
0.036
Forward Transconductancea
gfs
VDS = 10 V, ID = 8.5 A
25
S
Diode Forward Voltagea
VSD
IS = 2.9 A, VGS = 0 V
0.65
1.1
V
Dynamicb
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 6.5 A
10.5
16
nC
Gate-Source Charge
Qgs
1.9
Gate-Drain Charge
Qgd
1.8
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 10 Ω
ID ≅ 1 A, VGEN = 4.5 V, RG = 6 Ω
0.85
1.25
ns
Rise Time
tr
1.3
2.0
Turn-Off Delay Time
td(off)
8.6
13
Fall Time
tf
4.2
6.5
Gate-Current vs. Gate-Source Voltage
0
2
4
6
8
10
0
3
6
9
12
15
18
VGS - Gate-to-Source Voltage (V)
Gate Current vs. Gate-Source Voltage
0369
12
15
0.01
100
10 000
TJ = 25 °C
0.1
1
10
1000
VGS - Gate-to-Source Voltage (V)
TJ = 150 °C


Similar Part No. - SI7900AEDN-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900AEDN-T1-E3 VISHAY-SI7900AEDN-T1-E3 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN-T1-E3 VISHAY-SI7900AEDN-T1-E3 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN-T1-GE3 VISHAY-SI7900AEDN-T1-GE3 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN-T1-GE3 VISHAY-SI7900AEDN-T1-GE3 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
More results

Similar Description - SI7900AEDN-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7900EDN VISHAY-SI7900EDN Datasheet
51Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 02-Apr-01
SI6874EDQ VISHAY-SI6874EDQ Datasheet
68Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 14-Aug-00
SI7900AEDN VISHAY-SI7900AEDN_V01 Datasheet
624Kb / 12P
   Dual N-Channel 20 V (D-S) MOSFET, Common Drain
01-Jan-2022
SI7900AEDN VISHAY-SI7900AEDN_08 Datasheet
537Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. C, 07-Jul-08
SI7900AEDN VISHAY-SI7900AEDN Datasheet
73Kb / 5P
   Dual N-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 07-Jun-03
SI6875DQ VISHAY-SI6875DQ Datasheet
57Kb / 4P
   Dual P-Channel 20-V (D-S) MOSFET, Common Drain
Rev. A, 12-Jun-00
SI7902EDN VISHAY-SI7902EDN Datasheet
54Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET, Common Drain
Rev. A, 18-Feb-02
SI8902AEDB VISHAY-SI8902AEDB Datasheet
251Kb / 11P
   N-Channel 24 V (D-S) MOSFET, Common Drain
01-Jan-2022
logo
Anachip Corp
AF4901P ANACHIP-AF4901P Datasheet
152Kb / 3P
   Dual P-Channel 30-V (D-S) Common Drain MOSFET
logo
Nexperia B.V. All right...
PMCM650CUNE NEXPERIA-PMCM650CUNE Datasheet
404Kb / 18P
   20 V, Common Drain N-channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com