Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8819QAI-TRG Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APW8819QAI-TRG
Description  DDR TOTAL POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER WITH 1.5A LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8819QAI-TRG Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APW8819QAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8819QAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - May, 2013
APW8819
www.anpec.com.tw
7
Electrical Characteristics (Cont.)
APW8819
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BOOTSTRAP SWITCH
VF
RON
VVCC - VBOOT, IF = 10mA, TA = 25
oC
-
0.5
0.8
V
IF
Reverse Leakage
VBOOT = 30V, VPHASE = 25V, VVCC = 5V,
TA = 25
oC
-
-
0.5
µA
LOGIC THRESHOLD
VIH
S3, S5 High Threshold Voltage
S3, S5 Rising
1.6
-
-
V
VIL
S3, S5 Low Threshold Voltage
S3, S5 Falling
-
-
0.9
V
IILEAK
Logic Input Leakage Current
VS3 = VS5 = 5V, TA =25
oC
-1
-
1
µA
IMODE
MODE Source Current
14
15
16
µA
MODE = 0
-
-
0.829
MODE = 1
0.879
-
1.202
MODE = 2
1.262
-
1.76
MODE = 3
1.84
-
1.95
VTHMODE
MODE Threshold Voltage
MODE = 4
VCC-1
-
-
V
THERMAL SHUTDOWN
TSD
Thermal Shutdown Temperature
TJ Rising
-
160
-
oC
Thermal Shutdown Hysteresis
-
25
-
oC
Refer to the typical application circuits. These specifications apply over V
VCC=VBOOT=5V, VIN=12V and TA= -40 ~ 85 °C, unless
otherwise specified. Typical values are at T
A=25°C.


Similar Part No. - APW8819QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8819QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
logo
uPI Group Inc.
UP1561 UPI-UP1561 Datasheet
261Kb / 17P
   Synchronous Buck Controller with 3A VTT LDO for Memory Power Solution
Rev. C00
logo
Texas Instruments
TPS51116 TI-TPS51116 Datasheet
667Kb / 29P
[Old version datasheet]   COMPLETE DDR AND DDR2 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216-EP TI1-TPS51216-EP Datasheet
1Mb / 34P
[Old version datasheet]   Memory Power Solution Synchronous Buck Controller
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Global Mixed-mode Techn...
G5616 GMT-G5616 Datasheet
108Kb / 4P
   Complete DDR, DDRII and DDRIII Memory Solution Synchronous Buck PWM Controller, 3A LDO, Buffered Reference
logo
Texas Instruments
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com