Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8815QAI-TRG Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APW8815QAI-TRG
Description  High-Performance Notebook PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8815QAI-TRG Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APW8815QAI-TRG Datasheet HTML 1Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 2Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 3Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 4Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2011
APW8815
www.anpec.com.tw
3
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VCC
VCC Supply Voltage (VCC to GND)
-0.3 ~ 7
V
VPVCC
PVCC Supply Voltage (PVCC to GND)
-0.3 ~ 7
V
VBOOT-GND
BOOT Supply Voltage (BOOT to GND or PGND)
-0.3 ~ 35
V
VBOOT
BOOT Supply Voltage (BOOT to PHASE)
-0.3 ~ 7
V
All Other Pins (VOUT, OCSET, TON, EN and FB to GND)
-0.3 ~ VCC+0.3
V
UGATE Voltage (UGATE to PHASE)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ VBOOT+0.3
-0.3 ~ VBOOT+0.3
V
LGATE Voltage (LGATE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ VCC+0.3
-0.3 ~ VCC+0.3
V
VPHASE
PHASE Voltage (PHASE to GND)
<400ns Pulse Width
>400ns Pulse Width
-5 ~ 35
-1 ~ 28
V
VPOK
POK Supply Voltage (POK to GND)
-0.3 ~ 7
V
VPGND
PGND to GND Voltage
-0.3 ~ 0.3
V
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Soldering Temperature, 10 Seconds
260
oC
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note2)
TSSOP-14
QFN3.5x3.5-14
TQFN3x3-16
100
80
40
°C/W
Note 2:
θ
JA are measured with the component mounted on a high effective the thermal conductivity test board in free air. The exposed
pad of package is soldered directly on the PCB.
Symbol
Parameter
Range
Unit
V
IN
Converter Input Voltage
1.8 ~ 28
V
VCC, PVCC
VCC, PVCC Supply Voltage
4.5 ~ 5.5
V
V
OUT
Converter Output Voltage
0.75 ~ 5.5
V
T
A
Ambient Temperature
-40 ~ 85
oC
T
J
Junction Temperature
-40 ~ 125
oC
Recommended Operating Conditions (Note 3)
Note 3: Refer to the typical application circuit.


Similar Part No. - APW8815QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8815QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com