Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW8815QAI-TRG Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part # APW8815QAI-TRG
Description  High-Performance Notebook PWM Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW8815QAI-TRG Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Back Button APW8815QAI-TRG Datasheet HTML 5Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 6Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 7Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 8Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 9Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 10Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 11Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 12Page - Anpec Electronics Coropration APW8815QAI-TRG Datasheet HTML 13Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Apr., 2011
APW8815
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Refer to the typical application circuit. The test condition is V
IN=19V, TA=25
oC unless otherwise specified.
Load Transient
V
OUT=1.05V, 1A->8A->1A
1
2
3
Load Transient
V
OUT=2.5V, 1A->10A->1A
CH2: I
L, 5A/Div, DC
CH3: I
OUT, 5A/Div, DC
TIME: 20
µs/Div
CH1: V
OUT, 100mV/Div, AC
1
2
3
CH2: I
L, 5A/Div, DC
TIME: 20
µs/Div
CH1: V
OUT, 100mV/Div, AC
CH3: I
OUT, 5A/Div, DC
Mode Transient From PFM to PWM
1
4
2
3
CH1: V
OUT, 100mV/Div, AC
CH2: V
PHASE, 10V/Div, DC
CH3: V
LGATE, 5V/Div, DC
CH4: V
EN, 5V/Div, DC
TIME: 10
µs/Div
Mode Transient From PWM to PFM
1
4
2
3
CH1: V
OUT, 100mV/Div, AC
CH2: V
PHASE, 10V/Div, DC
CH3: V
LGATE, 5V/Div, DC
CH4: V
EN, 5V/Div, DC
TIME: 10
µs/Div


Similar Part No. - APW8815QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8811 ANPEC-APW8811 Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8811QBI-TRG ANPEC-APW8811QBI-TRG Datasheet
365Kb / 23P
   System Power PWM Controller for Notebook Computers
APW8812 ANPEC-APW8812 Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8812QBI-TRG ANPEC-APW8812QBI-TRG Datasheet
388Kb / 24P
   System Power PWM Controller for Notebook Computers with Charge Pump
APW8813 ANPEC-APW8813 Datasheet
788Kb / 31P
   DDR2 And DDR3 Power Solution Synchronous Buck Controller With 1.5A LDO
More results

Similar Description - APW8815QAI-TRG

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
ISL6268 INTERSIL-ISL6268 Datasheet
364Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com