Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-2X007T Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CNY17F-2X007T
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-2X007T Datasheet(HTML) 6 Page - Vishay Siliconix

  CNY17F-2X007T Datasheet HTML 1Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 2Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 3Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 4Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 5Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 6Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 7Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 8Page - Vishay Siliconix CNY17F-2X007T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 02-Jul-13
6
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - CTR Frequency vs. Phase Angle
Fig. 13 - CTR Frequency vs. Collector Current
Fig. 14 - Switching Time vs. Load Resistance
- 160
- 140
- 60
- 40
0
1
1000
f - Frequency (kHz)
- 20
10
100
V
CE = 5 V
- 80
- 100
- 120
1
10
1000
0.1
100
I
C - Collector Current (mA)
100
110
V
CC = 5 V
0.1
1
10
1000
0.1
100
R
L - Load Resistance (kΩ)
100
110
V
CE = 5 V, IF = 10 mA
t
on
t
off


Similar Part No. - CNY17F-2X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-2X007T VISHAY-CNY17F-2X007T Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-2X007T VISHAY-CNY17F-2X007T Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-2X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com