Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CNY17F-1X006 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CNY17F-1X006
Description  Optocoupler, Phototransistor Output, no Base Connection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17F-1X006 Datasheet(HTML) 1 Page - Vishay Siliconix

  CNY17F-1X006 Datasheet HTML 1Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 2Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 3Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 4Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 5Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 6Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 7Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 8Page - Vishay Siliconix CNY17F-1X006 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CNY17F
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 02-Jul-13
1
Document Number: 83607
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, no Base Connection
DESCRIPTION
The CNY17F is an optocoupler consisting of a gallium
arsenide infrared emitting diode optically coupled to a
silicon planar phototransistor detector in a plastic plug-in
DIP-6 package.
The coupling device is suitable for signal transmission
between two electrically separated circuits. The potential
difference between the circuits to be coupled is not allowed
to exceed the maximum permissible reference voltages.
In contrast to the CNY17 series, the base terminal of the
F type is not conected, resulting in a substantially improved
common-mode interference immunity.
FEATURES
• Isolation test voltage, 5000 VRMS
• No base terminal connection for improved
common mode interface immunity
• Long term stability
• Industry standard dual-in-line package
• Material categorization: For definitions of
compliance please see www.vishay.com/doc?99912
AGENCY APPROVALS
• UL file no. E52744
• cUL tested to CSA 22.2 bulletin 5A
• DIN EN 60747-5-5 (VDE 0884-5), available with option 1
• BSI: EN 60065, EN 60950-1
•FIMKO
•CQC
Notes
• Additional options may be possible, please contact sales office.
(1) Also available in tubes; do not put T on end.
1
2
3
6
5
4
NC
C
E
A
C
NC
i179004-14
ORDERING INFORMATION
C
N
Y1
7
F
-
#
X0
#
#
T
PART NUMBER
CTR
BIN
PACKAGE OPTION
TAPE
AND
REEL
AGENCY CERTIFIED/PACKAGE
CTR (%)
UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17F-1
CNY17F-2
CNY17F-3
CNY17F-4
DIP-6, 400 mil, option 6
CNY17F-1X006
CNY17F-2X006
CNY17F-3X006
CNY17F-4X006
SMD-6, option 7
CNY17F-1X007 (1)
CNY17F-2X007T (1)
CNY17F-3X007T (1)
CNY17F-4X007T (1)
SMD-6, option 9
CNY17F-1X009T (1)
CNY17F-2X009T (1)
CNY17F-3X009T (1)
CNY17F-4X009T (1)
VDE, UL, cUL, BSI, FIMKO
40 to 80
63 to 125
100 to 200
160 to 320
DIP-6
CNY17F-1X001
CNY17F-2X001
CNY17F-3X001
CNY17F-4X001
DIP-6, 400 mil, option 6
CNY17F-1X016
CNY17F-2X016
CNY17F-3X016
CNY17F-4X016
SMD-6, option 7
CNY17F-1X017 (1)
CNY17F-2X017 (1)
CNY17F-3X017 (1)
CNY17F-4X017 (1)
SMD-6, option 9
CNY17F-1X019
CNY17F-2X019 (1)
CNY17F-3X019 (1)
-
7.62 mm
10.16 mm
> 8 mm
8 mm typ.
Option 7
Option 6
Option 9
DIP-6


Similar Part No. - CNY17F-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F-1X006 VISHAY-CNY17F-1X006 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
CNY17F-1X006 VISHAY-CNY17F-1X006 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
CNY17F-1X006 VISHAY-CNY17F-1X006 Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
CNY17F-1X006 VISHAY-CNY17F-1X006 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results

Similar Description - CNY17F-1X006

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY17F VISHAY-CNY17F_08 Datasheet
135Kb / 10P
   Optocoupler, Phototransistor Output,no Base Connection
Rev. 1.5, 07-May-08
MOC8101 VISHAY-MOC8101_V02 Datasheet
162Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
CNY17F-2X016 VISHAY-CNY17F-2X016 Datasheet
193Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.0, 25-Oct-12
CNY17F VISHAY-CNY17F Datasheet
213Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 2.2, 08-Jan-14
MOC8101 VISHAY-MOC8101_11 Datasheet
168Kb / 7P
   Optocoupler, Phototransistor Output, no Base Connection
Rev. 1.6, 13-Sep-11
CNY17F-3X007 VISHAY-CNY17F-3X007 Datasheet
1Mb / 9P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 26-Oct-04
MOC8111 VISHAY-MOC8111 Datasheet
107Kb / 5P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
CNY17F VISHAY-CNY17F_V02 Datasheet
210Kb / 9P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2023
MOC8101 VISHAY-MOC8101 Datasheet
129Kb / 7P
   Optocoupler, Phototransistor Output, No Base Connection
Rev. 1.5, 11-Jan-08
MOC8104 VISHAY-MOC8104_V01 Datasheet
161Kb / 6P
   Optocoupler, Phototransistor Output, no Base Connection
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com