Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

USB1T11A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # USB1T11A
Description  Universal Serial Bus Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

USB1T11A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  USB1T11A Datasheet HTML 1Page - Fairchild Semiconductor USB1T11A Datasheet HTML 2Page - Fairchild Semiconductor USB1T11A Datasheet HTML 3Page - Fairchild Semiconductor USB1T11A Datasheet HTML 4Page - Fairchild Semiconductor USB1T11A Datasheet HTML 5Page - Fairchild Semiconductor USB1T11A Datasheet HTML 6Page - Fairchild Semiconductor USB1T11A Datasheet HTML 7Page - Fairchild Semiconductor USB1T11A Datasheet HTML 8Page - Fairchild Semiconductor USB1T11A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 3)
Recommended Operating
Conditions
Note 3: The Absolute Maximum Ratings are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristic tables are not guaranteed at the absolute maximum rating.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 4: The input and output voltage ratings may be exceeded if the input
and output clamp current ratings are observed.
DC Electrical Characteristics (Digital Pins)
Over recommended range of supply voltage and operating free air temperature (unless otherwise noted). VCC 3.0V to 3.6V
DC Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI  0
50 mA
Input Voltage (VI)
(Note 4)
0.5V to 5.5V
Input Voltage (VI/O)
0.5V to VCC  0.5V
Output Diode Current (IOK)
VO ! VCC or VO  0
r50 mA
Output Voltage (VO)
(Note 4)
0.5V to VCC  0.5V
Output Source or Sink Current (IO)
VP.VM, RCV pins
VO 0 to VCC
r15 mA
Output Source or Sink Current (IO)
D
/D pins
VO 0 to VCC
r50 mA
VCC or GND Current (ICC, IGND)
r100 mA
Storage Temperature (TSTO)
60qC to  150qC
Supply Voltage VCC
3.0V to 3.6V
Input Voltage (VI)0V to 5.5V
Input Range for AI/O (VAI/O)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Ambient Temperature
in free air (Tamb)
40qC to 85qC
Symbol
Parameter
Test Conditions
Limits
Unit
Temp
40qC to 85qC
Min
Typ
Max
INPUT LEVELS:
VIL
LOW Level Input Voltage
0.8
V
VIH
HIGH Level Input Voltage
2.0
V
OUTPUT LEVELS:
VOL
LOW Level Output Voltage
IOL 4 mA
0.4
V
IOL 20 PA0.1
VOH
HIGH Level Output Voltage
IOH 4 mA
2.4
V
IOH 20 PAVCC – 0.1
LEAKAGE CURRENT:
IL
Input Leakage Current
VCC 3.0 to 3.6
r5
PA
ICCFS
Supply Current (Full Speed)
VCC 3.0 to 3.6
5
mA
ICCLS
Supply Current (Low Speed)
VCC 3.0 to 3.6
5
mA
ICCQ
Quiescent Current
VCC 3.0 to 3.6
5mA
VIN VCC or GND
ICCS
Supply Current in Suspend
VCC 3.0 to 3.6; Mode VCC
10
PA


Similar Part No. - USB1T11A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
USB1T11ABQX FAIRCHILD-USB1T11ABQX Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AM FAIRCHILD-USB1T11AM Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AMTC FAIRCHILD-USB1T11AMTC Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
USB1T11AMTCX FAIRCHILD-USB1T11AMTCX Datasheet
484Kb / 11P
   Universal Serial Bus Transceiver
More results

Similar Description - USB1T11A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
   Universal Serial Bus Transceiver
1999 Jun 04
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
   Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
   Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
   Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550A MICREL-MIC2550A Datasheet
122Kb / 11P
   Universal Serial Bus Transceiver
logo
NXP Semiconductors
PDIUSBP11 PHILIPS-PDIUSBP11 Datasheet
111Kb / 10P
   Universal Serial Bus transceiver
1997 Sep 16
ISP1103 PHILIPS-ISP1103 Datasheet
484Kb / 17P
   Universal Serial Bus transceiver
Rev. 01 - 4 October 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com