Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3843D1 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # UC3843D1
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3843D1 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  UC3843D1 Datasheet HTML 1Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 2Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 3Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 4Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 5Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 6Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 7Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 8Page - Fairchild Semiconductor UC3843D1 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.1
Features
• Low Start up Current
• Maximum Duty Clamp
• UVLO With Hysteresis
• Operating Frequency up to 500KHz
Description
The UC3842/UC3843/UC3844/UC3845 are fixed
frequencycurrent-mode PWM controller. They are specially
designed for Off-Line and DC to DC converter applications
with minimum external components. These integrated
circuits feature a trimmed oscillator for precise duty cycle
control, a temperature compensated reference, high gain
error amplifier, current sensing comparator and a high
current totempole output for driving a Power MOSFET. The
UC3842 and UC3844 have UVLO thresholds of 16V (on)
and 10V (off). The UC3843 and UC3845 are 8.5V(on) and
7.9V (off). The UC3842 and UC3843 can operate within
100% duty cycle. The UC3844 and UC3845 can operate
with 50% duty cycle.
8-DIP
14-SOP
1
1
8-SOP
1
Internal Block Diagram
UC3842/UC3843/UC3844/UC3845
SMPS Controller
* NORMALLY 8DIP/8SOP PIN NO.
* ( ) IS 14SOP PINNO.
* TOGGLE FLIP FLOP USED ONLY IN UC3844, UC3845


Similar Part No. - UC3843D1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
UC3843D1 FAIRCHILD-UC3843D1 Datasheet
133Kb / 12P
   SMPS Controller
More results

Similar Description - UC3843D1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
UC3842A FAIRCHILD-UC3842A Datasheet
42Kb / 8P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com