Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3842 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. UC3842
Description  SMPS Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3842 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  UC3842 Datasheet HTML 1Page - Fairchild Semiconductor UC3842 Datasheet HTML 2Page - Fairchild Semiconductor UC3842 Datasheet HTML 3Page - Fairchild Semiconductor UC3842 Datasheet HTML 4Page - Fairchild Semiconductor UC3842 Datasheet HTML 5Page - Fairchild Semiconductor UC3842 Datasheet HTML 6Page - Fairchild Semiconductor UC3842 Datasheet HTML 7Page - Fairchild Semiconductor UC3842 Datasheet HTML 8Page - Fairchild Semiconductor UC3842 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UC3842/UC3843/UC3844/UC3845
5
Figure 2. Under Voltage Lockout
During Under-Voltage Lock-Out, the output driver is biased to a high impedance state. Pin 6 should be shunted to ground with
a bleeder resistor to prevent activating the power switch with output leakage current.
Figure 3. Error Amp Configuration
Figure 4. Current Sense Circuit
Peak current (IS) is determined by the formula:
A small RC filter may be required to suppress switch transients.
UC3842/44 UC3843/45
I
S MAX
() 1.0V
R
S
------------
=


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
KA3846 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
KA3882 SMPS CONTROLLER 1  2  3  4  5  Fairchild Semiconductor
ICE2A0565 Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500B SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
ICE3A0365 Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1  2  3  4  5  More Infineon Technologies AG
KA7500C SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
KA7515 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
TL494 SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor
UC3525A SMPS Controller 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn