Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UC3525A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. UC3525A
Description  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3525A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  UC3525A Datasheet HTML 1Page - Fairchild Semiconductor UC3525A Datasheet HTML 2Page - Fairchild Semiconductor UC3525A Datasheet HTML 3Page - Fairchild Semiconductor UC3525A Datasheet HTML 4Page - Fairchild Semiconductor UC3525A Datasheet HTML 5Page - Fairchild Semiconductor UC3525A Datasheet HTML 6Page - Fairchild Semiconductor UC3525A Datasheet HTML 7Page - Fairchild Semiconductor UC3525A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC3525A
3
Electrical Characteristics
(VCC = 20V, TA = 0 to +85°C, unless otherwise specified)
Notes :
1. These parameters. although guaranteed over the recommended operating conditions, are not 100% tested in production
2. Tested at fOSC=40 KHz (RT =3.6K, CT =0.01uF, RI = 0
Ω)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER SECTION (VCM = 5.1V)
Input Offset Voltage
VIO
-
-1.5
10
mV
Input Bias Current
IBIAS
-
-1
10
µA
Input Offset Current
IIO
-
-0.1
1
µA
Open Loop Voltage Gain
GVO
RL
≥10MΩ
60
80
-
dB
Common Mode Rejection Ratio
CMRR
VCM = 1.5 to 5.2V
60
90
-
dB
Power Supply Rejection Ratio
PSRR
VCC = 8 to 3.5V
50
60
-
dB
PWM COMPARATOR SECTION
Minimum Duty Cycle
D(MIN)
-
--
0
%
Maximum Duty Cycle
D(MAX)
-
45
49
-
%
Input Threshold Voltage (Note 2)
VTH1
Zero Duty Cycle
0.7
0.9
-
V
Input Threshold Voltage (Note 2)
VTH2
Max Duty Cycle
-
3.2
3.6
V
SOFT-START SECTION
Soft Start Current
ISOFT
VSD = 0V, VSS = 0V
25
51
80
µA
Soft Start Low Level Voltage
VSL
VSD = 25V
-
0.3
0.7
V
Shutdown Threshold Voltage
VTH(SD)
-
0.6
0.8
1
V
Shutdown Input Current
IN(SD)
VSD = 2.5V
-
0.3
1
mA
OUTPUT SECTION
Low Output Voltage I
VOL I
ISINK = 20mA
-
0.1
0.4
V
Low Output Voltage II
VOL II
ISINK = 100mA
-
0.05
2
V
High Output Voltage I
VCH I
ISOURCE = 20mA
18
19
-
V
High Output Voltage II
VCH II
ISOURCE = 100mA
17
18
-
V
Under Voltage Lockout
VUV
V8 and V9 = High
678
V
Collector Leakage Current
ILKG
VCC = 35V
-
80
200
µA
Rise Time (Note 1)
tR
CL = 1uF, TJ = 25
°C
-
80
600
ns
Fall Time (Note 1)
tF
CL = 1uF, TJ = 25
°C
-
70
300
ns
STANDBY CURRENT
Supply Current
ICC
VCC = 35V
-
12
20
mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KA3846SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA3882SMPS CONTROLLER 1 2 3 4 5 Fairchild Semiconductor
ICE2A0565Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500BSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
ICE3A0365Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS 1 2 3 4 5 MoreInfineon Technologies AG
KA7500CSMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
KA7515SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
TL494SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor
UC3842SMPS Controller 1 2 3 4 5 MoreFairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn