Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCK107G Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCK107G
Description  1.0 A Load Switch IC with Slew Rate Control Driver in Ultra Small Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCK107G Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCK107G Datasheet HTML 2Page - Toshiba Semiconductor TCK107G Datasheet HTML 3Page - Toshiba Semiconductor TCK107G Datasheet HTML 4Page - Toshiba Semiconductor TCK107G Datasheet HTML 5Page - Toshiba Semiconductor TCK107G Datasheet HTML 6Page - Toshiba Semiconductor TCK107G Datasheet HTML 7Page - Toshiba Semiconductor TCK107G Datasheet HTML 8Page - Toshiba Semiconductor TCK107G Datasheet HTML 9Page - Toshiba Semiconductor TCK107G Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TCK106G/TCK107G/TCK108G
2012-12-11
6
2.
Power Dissipation
Power dissipation is measured on the board condition shown below.
[The Board Condition]
Board material: Glass epoxy (FR4)
Board dimension: 40mm x 40mm (both sides of board),t=1.8mm
Metal pattern ratio: a surface approximately 50%, the reverse side approximately 50%
Through hole: diameter 0.5mm x 28
Please allow sufficient margin when designing a board pattern to fit the expected power dissipation. Also take into
consideration the ambient temperature, input voltage, output current etc and applying the appropriate derating for
allowable power dissipation during operation.
0
200
400
600
800
1000
-40
0
40
80
120
Ambient Temperature Ta (℃)
PD -Ta


Similar Part No. - TCK107G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK107AF TOSHIBA-TCK107AF Datasheet
585Kb / 12P
   TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCK107AG TOSHIBA-TCK107AG Datasheet
449Kb / 12P
   CMOS Linear Integrated Circuit Silicon Monolithic
More results

Similar Description - TCK107G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
ON Semiconductor
FPF1203 ONSEMI-FPF1203 Datasheet
1Mb / 12P
   Ultra-Small, Slew-Rate-Controlled Load Switch
September-2017, Rev. 2
logo
Fairchild Semiconductor
FPF1203 FAIRCHILD-FPF1203 Datasheet
483Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
FPF1203L FAIRCHILD-FPF1203L_13 Datasheet
390Kb / 3P
   IntelliMAX??Ultra-Small, Slew-Rate-Controlled Load Switch
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Vishay Siliconix
SIP4282 VISHAY-SIP4282_V01 Datasheet
428Kb / 13P
   1.2 A Slew Rate Controlled Load Switch
01-Jan-2022
logo
Renesas Technology Corp
SLG5NT1594V RENESAS-SLG5NT1594V Datasheet
377Kb / 11P
   Ultra-small 28.5 mW, 1.0 A Load Switch
February 7, 2022
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com