Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA78L24F Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TA78L24F
Description  Bipolar Linear Integrated Circuit Silicon Monolithic
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L24F Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TA78L24F Datasheet HTML 7Page - Toshiba Semiconductor TA78L24F Datasheet HTML 8Page - Toshiba Semiconductor TA78L24F Datasheet HTML 9Page - Toshiba Semiconductor TA78L24F Datasheet HTML 10Page - Toshiba Semiconductor TA78L24F Datasheet HTML 11Page - Toshiba Semiconductor TA78L24F Datasheet HTML 12Page - Toshiba Semiconductor TA78L24F Datasheet HTML 13Page - Toshiba Semiconductor TA78L24F Datasheet HTML 14Page - Toshiba Semiconductor TA78L24F Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TA78L05,06,07,08,09,10,12,15,18,20,24F
2009-09-30
11
TA78L18F
Electrical Characteristics
(Unless otherwise specified, VIN = 27 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF,
0°C
Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
17.1
18
18.9
V
21.4 V ≤ VIN ≤ 33 V
32
325
Line regulation
Reg·line
1
Tj = 25°C
22 V ≤ VIN ≤ 33 V
27
275
mV
1.0 mA ≤ IOUT ≤ 100 mA
30
170
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
15
75
mV
21.4 V ≤ VIN ≤ 33 V,
1.0 mA ≤ IOUT ≤ 40 mA
16.74
19.26
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
16.74
19.26
V
Tj = 25°C
3.3
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
22 V ≤ VIN ≤ 33 V
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
150
μVrms
Long term stability
ΔVOUT/Δt
1
45
mV/kh
Ripple rejection ratio
R.R.
3
f = 120 Hz,
23 V ≤ VIN ≤ 33 V, Tj = 25°C
32
38
dB
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−1.5
mV/°C


Similar Part No. - TA78L24F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L24F TOSHIBA-TA78L24F Datasheet
582Kb / 17P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
More results

Similar Description - TA78L24F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8496FL TOSHIBA-TA8496FL Datasheet
248Kb / 14P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA1287PG TOSHIBA-TA1287PG Datasheet
428Kb / 24P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA8129Z TOSHIBA-TA8129Z Datasheet
1Mb / 27P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com