Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7236 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APW7236
Description  1.5MHz Step-Up Converter for White LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7236 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APW7236 Datasheet HTML 2Page - Anpec Electronics Coropration APW7236 Datasheet HTML 3Page - Anpec Electronics Coropration APW7236 Datasheet HTML 4Page - Anpec Electronics Coropration APW7236 Datasheet HTML 5Page - Anpec Electronics Coropration APW7236 Datasheet HTML 6Page - Anpec Electronics Coropration APW7236 Datasheet HTML 7Page - Anpec Electronics Coropration APW7236 Datasheet HTML 8Page - Anpec Electronics Coropration APW7236 Datasheet HTML 9Page - Anpec Electronics Coropration APW7236 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2012
APW7236
www.anpec.com.tw
6
Operating Waveforms
(Refer to the application circuit in the section "Typical Application Circuits", V
IN=3.6V, TA=25
oC, 6WLEDs unless
otherwise specified )
CH1: VEN (2V/div)
CH2: VOVP (5V/div)
CH3: VLX (10V/div)
CH4: IIN (500mA/div)
Time: 1ms/div
EN Goes High- Enable
1
4
2
3
EN Goes Low- Shutdown
CH1: VEN (2V/div)
CH2: VOVP (5V/div)
CH3: VLX (10V/div)
CH4: IIN (500mA/div)
Time: 10ms/div
1
4
2
3
CH1: VOVP (5V/div)
CH2: VLX (10V/div)
CH3: IL (500mA/div)
Time: 10ms/div
OPEN-LED Protection
3
2
1
Normal Operation
CH1: VOVP (2V/div)
CH2: VLX (10V/div)
CH3: IL (500mA/div)
Time: 2
µs/div
1
2
3


Similar Part No. - APW7236

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7237 ANPEC-APW7237 Datasheet
584Kb / 20P
   1.5MHz, High Efficiency, Step-Up Converter with Internal FET Switch
More results

Similar Description - APW7236

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215 Datasheet
350Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Marktech Corporate
TB62736FUG MARKTECH-TB62736FUG Datasheet
384Kb / 13P
   Step-up Type DC-DC Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
   40V Step-Up Converter for 4 to 10 White LEDs
logo
BCD Semiconductor Manuf...
AP3012 BCDSEMI-AP3012_09 Datasheet
621Kb / 11P
   1.5MHz STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com