Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7215 Datasheet(PDF) 10 Page - Anpec Electronics Coropration

Part # APW7215
Description  Fixed 600kHz Step-UP Converter for White LEDs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7215 Datasheet(HTML) 10 Page - Anpec Electronics Coropration

Back Button APW7215 Datasheet HTML 6Page - Anpec Electronics Coropration APW7215 Datasheet HTML 7Page - Anpec Electronics Coropration APW7215 Datasheet HTML 8Page - Anpec Electronics Coropration APW7215 Datasheet HTML 9Page - Anpec Electronics Coropration APW7215 Datasheet HTML 10Page - Anpec Electronics Coropration APW7215 Datasheet HTML 11Page - Anpec Electronics Coropration APW7215 Datasheet HTML 12Page - Anpec Electronics Coropration APW7215 Datasheet HTML 13Page - Anpec Electronics Coropration APW7215 Datasheet HTML 14Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Oct., 2012
www.anpec.com.tw
10
APW7215
Function Description
Main Control Loop
The APW 7215 is a constant frequency current-mode
switching regulator. During normal operation, the inter-
nal N-channel power MOSFET is turned on each cycle
when the oscillator sets an internal RS latch and turned
off when an internal comparator (ICMP) resets the latch.
The peak inductor current at which ICMP resets the RS
latch is controlled by the voltage on the internal COMP
node, which is the output of the error amplifier (EAMP). An
external current-sense resistor connected between cath-
ode of the lowest LED and ground allows the EAMP to
receive a current feedback voltage V
FB at FB pin. When the
LEDs voltage decreases to cause the LEDs current to
decrease, it causes a slightly decrease in V
FB relative to
the reference voltage, which in turn causes the internal
COMP voltage to increase until the LEDs current reaches
the set point.
VIN Under-Voltage Lockout (UVLO)
The Under-Voltage Lockout (UVLO) circuit compares the
input voltage at VIN with the UVLO threshold (2.4V rising,
typical) to ensure the input voltage is high enough for
reliable operation. The 100mV (typ) hysteresis prevents
supply transients from causing a restart. Once the input
voltage exceeds the UVLO rising threshold, startup begins.
W hen the input voltage falls below the UVLO falling
threshold, the controller turns off the converter.
Soft-Start
The APW7215 has a built-in soft-start to control the N chan-
nel MOSFET current raises during start-up. During soft-
start, an internal ramp voltage connected to one of the
inverting inputs of the current limit comparator. The in-
ductor current limit is proportional to the voltage. When
the threshold voltage of the internal soft-start comparator
is reached, the full current limit is released.
Current-Limit Protection
The APW 7215 monitors the inductor current flowing
through the N-channel MOSFET, and limits the current
peak at current-limit level to prevent loads and the device
from damages in overload conditions.
Over-Temperature Protection (OTP)
The over-temperature circuit limits the junction tempera-
ture of the APW7215. When the junction temperature ex-
ceeds 150oC, a thermal sensor turns off the power
MOSFET, allowing the device to cool. The thermal sen-
sor allows the converter to start a soft-start process and
regulate the LEDs current again after the junction tem-
perature cools by 40oC. The OTP is designed with a 40oC
hysteresis to lower the average Junction Temperature
(T
J) during continuous thermal overload conditions, in-
creasing the lifetime of the device.
Enable/Shutdown
Driving EN to ground places the APW7215 in shutdown
mode. When in shutdown, the internal power MOSFET
turns off, all internal circuitry shuts down and the quies-
cent supply current reduces to 1
µA maximum. This pin
also could be used as a digital input allowing brightness
controlled by using a PWM signal with frequency from
5kHz to 100kHz. The 0% duty cycle of PWM signal corre-
sponds to zero LEDs current and 100% corresponds to
full one. If use EN Pin to enable the device, suggestion
dimmimg duty range is from 15% to 100% at 100kHz
dimmimg frequency.
Open-LED Protection
In driving LED applications, the feedback voltage on FB
pin falls down if one of the LEDs, in series, is failed.
Meanwhile, the converter unceasingly boosts the output
voltage like an open-loop operation. Therefore, an over-
voltage protection monitoring the output voltage via LX
pin prevents the LX and the output voltages from exceed-
ing their maximum voltage ratings. Once the voltage on
the LX pin rises above the OVP threshold, the converter
stops switching and prevents the output voltage from
rising. The converter can work again when the LX voltage
falls below the falling of OVP voltage threshold.


Similar Part No. - APW7215

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7215 ANPEC-APW7215 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215QBI-TRG ANPEC-APW7215QBI-TRG Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
More results

Similar Description - APW7215

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7217 ANPEC-APW7217 Datasheet
316Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7215 ANPEC-APW7215_15 Datasheet
920Kb / 17P
   Fixed 600kHz Step-UP Converter for White LEDs
APW7236 ANPEC-APW7236 Datasheet
363Kb / 17P
   1.5MHz Step-Up Converter for White LEDs
logo
Global Mixed-mode Techn...
G5121 GMT-G5121 Datasheet
579Kb / 9P
   Fixed Frequency White LED Step-Up Converter
G5121 GMT-G5121_06 Datasheet
551Kb / 10P
   Fixed Frequency White LED Step-Up Converter
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Marktech Corporate
TB62756FUG MARKTECH-TB62756FUG Datasheet
383Kb / 14P
   Step-up Type DC/DC Converter for White LEDs
logo
Anpec Electronics Corop...
APW7071 ANPEC-APW7071_08 Datasheet
269Kb / 15P
   Step-Up Converter for 4 Series White LEDs Driver
logo
Marktech Corporate
TB62736FUG MARKTECH-TB62736FUG Datasheet
384Kb / 13P
   Step-up Type DC-DC Converter for White LEDs
logo
Advanced Analogic Techn...
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
   40V Step-Up Converter for 4 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com