Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC540FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 74VHC540FT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC540FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  74VHC540FT Datasheet HTML 1Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 2Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 3Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 4Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
74VHC540FT,74VHC541FT
1
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC540FT,74VHC541FT
74VHC540FT,74VHC541FT
74VHC540FT,74VHC541FT
74VHC540FT,74VHC541FT
1.
1.
1.
1. Functional Description
Functional Description
Functional Description
Functional Description
Octal Bus Buffer
74VHC540FT: INVERTED, 3-STATE OUTPUTS
74VHC541FT: NON-INVERTED, 3-STATE OUTPUTS
2.
2.
2.
2. General
General
General
General
The 74VHC540FT/74VHC541FT are advanced high speed CMOS OCTAL BUS BUFFERs fabricated with silicon
gate C2MOS technology.
They achieve the high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS
low power dissipation.
The 74VHC540FT is an inverting type, and the 74VHC541FT is a non-inverting type.
When either G1 or G2 are high, the terminal outputs are in the high-impedance state.
An input protection circuit ensures that 0 to 5.5 V can be applied to the input pins without regard to the supply
voltage. This device can be used to interface 5 V to 3 V systems and two supply systems such as battery back up.
This circuit prevents device destruction due to mismatched supply and input voltages
3.
3.
3.
3. Features
Features
Features
Features
(1)
High speed: Propagation delay time = 3.7 ns (typ.) at VCC = 5 V
(2)
Low power dissipation: ICC = 4 µA (max) at Ta = 25 
(3)
High noise immunity: VNIH = VNIL = 28% VCC (min)
(4)
Power down protection is provided on all inputs.
(5)
Balanced propagation delays: tPLH
≈ tPHL
(6)
Wide operating voltage range: VCC(opr) = 2 V to 5.5 V
(7)
Low noise: VOLP = 1.0 V (max)
(8)
Pin and function compatible with 74 series (74AC/HC/AHC/LV etc.) 540 or 541 type.
4.
4.
4.
4. Packaging
Packaging
Packaging
Packaging
TSSOP20B
2013-02-28
Rev.2.0


Similar Part No. - 74VHC540FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHC541 FAIRCHILD-74VHC541 Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
293Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74VHC540FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com