Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VHC540FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # 74VHC540FT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

74VHC540FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

  74VHC540FT Datasheet HTML 1Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 2Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 3Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 4Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 5Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 6Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 7Page - Toshiba Semiconductor 74VHC540FT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
74VHC540FT,74VHC541FT
6
11.4.
11.4.
11.4.
11.4. AC Characteristics
AC Characteristics
AC Characteristics
AC Characteristics
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Propagation delay time
3-state output enable time
3-state output disable time
Output skew
Input capacitance
Part Number
74VHC540FT
74VHC541FT
Symbol
tPLH,tPHL
tPLH,tPHL
tPZL,tPZH
tPLZ,tPHZ
tosLH,tosHL
CIN
Note
(Note 1)
Test
Condition
RL = 1 kΩ
RL = 1 kΩ
VCC (V)
3.3 ± 0.3
5.0 ± 0.5
3.3 ± 0.3
5.0 ± 0.5
3.3 ± 0.3
5.0 ± 0.5
3.3 ± 0.3
5.0 ± 0.5
3.3 ± 0.3
5.0 ± 0.5
CL (pF)
15
50
15
50
15
50
15
50
15
50
15
50
50
50
50
50
Min
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
Max
8.5
12.0
6.0
8.0
8.5
12.0
6.0
8.0
12.5
16.0
8.5
10.5
17.5
10.0
1.5
1.0
10
Unit
ns
pF
Note 1: Parameter guaranteed by design. (tosLH = |tPLHm - tPLHn|, tosHL = |tPHLm - tPHLn|)
11.5.
11.5.
11.5.
11.5. Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, T
Noise Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
, Input: t
, Input: t
, Input: t
, Input: trrrr = t
= t
= t
= tffff = 3 ns)
= 3 ns)
= 3 ns)
= 3 ns)
Characteristics
Quiet output maximum dynamic VOL
Quiet output minimum dynamic VOL
Minimum high-level dynamic input voltage
Maximum low-level dynamic input voltage
Symbol
VOLP
VOLV
VIHD
VILD
Test Condition
CL = 50 pF
CL = 50 pF
CL = 50 pF
CL = 50 pF
VCC (V)
5.0
5.0
5.0
5.0
Typ.
0.7
-0.7
Limit
1.0
-1.0
3.5
1.5
Unit
V
11.6.
11.6.
11.6.
11.6. Internal Equivalent Circuit
Internal Equivalent Circuit
Internal Equivalent Circuit
Internal Equivalent Circuit
2013-02-28
Rev.2.0


Similar Part No. - 74VHC540FT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
66Kb / 8P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
logo
Fairchild Semiconductor
74VHC541 FAIRCHILD-74VHC541 Datasheet
83Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74VHC541 NSC-74VHC541 Datasheet
146Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
logo
STMicroelectronics
74VHC541 STMICROELECTRONICS-74VHC541 Datasheet
293Kb / 12P
   OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
logo
ON Semiconductor
74VHC541 ONSEMI-74VHC541 Datasheet
203Kb / 9P
   Octal Buffer/Line Driver
Revised May 2005
More results

Similar Description - 74VHC540FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
   CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
TC7MP3125FT TOSHIBA-TC7MP3125FT Datasheet
342Kb / 34P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-07-08 Rev.5.0
TC7MPB9326FT TOSHIBA-TC7MPB9326FT_V01 Datasheet
353Kb / 16P
   CMOS Digital Integrated Circuits Silicon Monolithic
2022-06-22 Rev.5.0
TC7PZ04FU TOSHIBA-TC7PZ04FU Datasheet
163Kb / 9P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-12-05 Rev.3.0
TC7WZ86FU TOSHIBA-TC7WZ86FU Datasheet
154Kb / 8P
   CMOS Digital Integrated Circuits Silicon Monolithic
2020-02-04 Rev.4.0
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
74VHC574FT TOSHIBA-74VHC574FT Datasheet
178Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.4.0
74HC151D TOSHIBA-74HC151D Datasheet
216Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
74HC595D TOSHIBA-74HC595D Datasheet
271Kb / 17P
   CMOS Digital Integrated Circuits Silicon Monolithic
2016-12-27 Rev.4.0
74VHC4066AFT TOSHIBA-74VHC4066AFT Datasheet
214Kb / 13P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-22 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com