Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7199 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APW7199
Description  High-Performance Step-Down PWM Controller with PFM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7199 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APW7199 Datasheet HTML 1Page - Anpec Electronics Coropration APW7199 Datasheet HTML 2Page - Anpec Electronics Coropration APW7199 Datasheet HTML 3Page - Anpec Electronics Coropration APW7199 Datasheet HTML 4Page - Anpec Electronics Coropration APW7199 Datasheet HTML 5Page - Anpec Electronics Coropration APW7199 Datasheet HTML 6Page - Anpec Electronics Coropration APW7199 Datasheet HTML 7Page - Anpec Electronics Coropration APW7199 Datasheet HTML 8Page - Anpec Electronics Coropration APW7199 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Oct., 2010
APW7199
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
High-Performance Step-Down PWM Controller with PFM
Features
Operates from An Input Battery Voltage Range of
+3V to +25V
±0.6% 0.5V Reference
- Over Line, Load Regulation, and Operating Temp.
Drive Dual Low Cost N-Channel MOSFETs
- Adaptive Shoot-Through Protection
Power-On-Reset Monitoring on VCC Pin
PFM Mode for Increasing Light Load Efficiency
Constant-On-Time Control Scheme
- Switching Frequency Compensation for PWM
Operation
300kHz Constant Switching Frequency
Integrated MOSFET Drivers and Bootstrap Diode
Internal Soft-Start and Soft-Stop
Power Good Monitoring
70% Under-Voltage Protection
125% Over-Voltage Protection
- Using Low-Side MOSFET’s R
DS(ON)
Over-Temperature Protection
TDFN-10 3mmx3mm Package
Lead Free and Green Devices Available
(RoHS Compliant)
General Description
Applications
Notebook
Low Cost PC
Wide Input DC/DC Regulators
The APW7199 is a single-phase, constant-on-time, and
synchronous PWM controller, which drives N-channel
MOSFETs. An internal 0.5V temperature-compensated
reference voltage with high accuracy is designed to meet
the requirement of low output voltage applications. The
APW7199 steps down high voltage to generate low-volt-
age chipset or RAM supplies in notebook computers.
The PWM controller operates fixed 300kHz pseudo-con-
stant frequency PWM with an adaptive constant-on-time
control. The device provides excellent transient response
and accurate DC voltage output in either PFM or PWM
Mode. In Pulse Frequency Mode (PFM), the APW7199 pro-
vides very high efficiency over light to heavy loads with
loading-modulated switching frequencies. The device
works in ultrasonic mode with PFM at no load. The unique
ultrasonic mode maintains the switching frequency above
20kHz, which eliminates noise in audio applications.
The APW7199 is equipped with accurate over-current,
output under-voltage, and output over-voltage protections.
A Power-On-Reset function monitors the voltage on VCC
to prevent wrong operation during power-on. The
APW7199 has a 1.5ms digital soft-start to ramp up the
output voltage to reduce the start-up current. A soft-stop
function actively discharges the output capacitors with
controlled reverse inductor current.
The APW7199 is available in TDFN3x3-10 package.
Simplified Application Circuit
V
OUT
L
OUT
Q2
EN/EXTREF
APW7199
V
IN
5V
Q1
C
OUT
R
OCSET
UGATE
PHASE
LGATE/OCSET
POK
BOOT
VCC


Similar Part No. - APW7199

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7190 ANPEC-APW7190 Datasheet
1Mb / 23P
   5V or 12V Single Output PWM Controller with PFM
APW7190QBI-TRG ANPEC-APW7190QBI-TRG Datasheet
1Mb / 23P
   5V or 12V Single Output PWM Controller with PFM
More results

Similar Description - APW7199

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8523 BELLING-BL8523 Datasheet
525Kb / 5P
   PWM/PFM Step-down DC-DC Controller
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC120 MICROCHIP-TC120 Datasheet
436Kb / 14P
   PWM/PFM Step-Down Combination Regulator/Controller
05/01/02
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
TC120 MICROCHIP-TC120_13 Datasheet
215Kb / 16P
   PWM/PFM Step-Down Combination Regulator/Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Seiko Instruments Inc
S8520 SII-S8520 Datasheet
2Mb / 44P
   STEP-DOWN, PWM CONTROL or PWM / PFM SWITCHABLE SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com