Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWB1040LD Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # PWB1040LD
Description  Surface Mount Wideband RF Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PWB1040LD Datasheet(HTML) 2 Page - Coilcraft lnc.

  PWB1040LD Datasheet HTML 1Page - Coilcraft lnc. PWB1040LD Datasheet HTML 2Page - Coilcraft lnc. PWB1040LD Datasheet HTML 3Page - Coilcraft lnc. PWB1040LD Datasheet HTML 4Page - Coilcraft lnc. PWB1040LD Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Document 591-2 Revised 09/01/11
Document 591-2
Impedance
Insertion
Primary (pins 1-3) Secondary (pins 6-4)
ratio2
Bandwidth
Idc
loss max
L min3
DCR max
L min3
DCR max
Type
Part number1
pri:sec
(MHz)
(mA)
(dB)
(µH)
(Ohms)
(µH)
(Ohms)
PWB-1-AL_
1:1
0.08 - 450
250
0.60
40
0.070
40
0.070
PWB-1.5-AL_
1:1.5
0.03 - 300
250
0.35
110
0.080
160
0.110
PWB-2-AL_
1:2
0.05 - 200
250
0.25
75
0.088
150
0.120
PWB-4-AL_
1:4
0.15 - 500
250
0.50
25
0.075
98
0.135
PWB-16-AL_
1:16
0.05 - 80
250
0.35
75
0.260
1250
0.910
PWB1010L_
1:1
0.0035 - 125
250
0.20
780
0.320
780
0.320
PWB1010-1L_
1:1
0.03 - 250
250
0.20
95
0.200
95
0.200
PWB1015L_
1:1.5
0.07 - 225
250
0.40
51
0.130
80
0.145
PWB1040L_
1:4
0.15 - 400
250
0.40
25
0.115
95
0.160
PWB-1-BL_
1:1
0.13 - 425
250
0.40
22
0.070
22
0.070
PWB-1.5-BL_
1:1.5
0.50 - 250
250
0.40
140
0.100
200
0.120
PWB-2-BL_
1:2
0.20 - 400
250
0.35
75
0.088
150
0.130
PWB-4-BL_
1:4
0.14 - 700
250
0.50
25
0.075
98
0.135
PWB-16-BL_
1:16
0.075 - 90
250
0.30
75
0.260
1250
0.910
PWB2010L_
1:1
0.0035 - 125
250
0.20
780
0.320
780
0.320
PWB2010-1L_
1:1
0.03 - 250
250
0.20
95
0.200
95
0.200
PWB2040L_
1:4
0.15 - 400
250
0.40
25
0.115
95
0.160
PWB-1-CL_
1:1
0.10 - 300
250
0.60
22
0.070
22
0.070
PWB-1.5-CL_
1:1.5
0.15 - 200
250
0.30
140
0.110
200
0.120
PWB-2-CL_
1:2
0.13 - 285
250
0.30
75
0.105
150
0.130
PWB-4-CL_
1:4
0.14 - 500
250
0.50
25
0.075
98
0.135
PWB3010L_
1:1
0.0035 - 125
250
0.20
780
0.320
780
0.320
PWB3010-1L_
1:1
0.03 - 250
250
0.20
95
0.200
95
0.200
PWB3015L_
1:1.5
0.07 - 225
250
0.40
51
0.130
80
0.145
PWB3040L_
1:4
0.15 - 400
250
0.40
25
0.115
95
0.160
1. When ordering, please specify
termination and packaging codes:
PWB-3010-1LD
Termination: L = RoHS compliant tin-silver-copper over tin over nickel over phos bronze.
Special order:
S = non-RoHS tin-lead (63/37).
Packaging:
C = 7
″ machine ready reel. EIA-481 embossed plastic tape, 250 parts per full reel.
B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead.
D = 13
″ machine ready reel. EIA-481 embossed plastic tape. Factory order only, not stocked (1000 parts per full reel).
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance tested at 130 kHz, 0.1 Vrms, 0 Adc.
4. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Surface Mount Wideband RF Transformers
6
4
3
1
Type A
Pri
Sec
3
1
6
5
4
Type B
Pri
Sec
6
5
4
3
2
1
Type C
Pri
Sec


Similar Part No. - PWB1040LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB1040L COILCRAFT-PWB1040L Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
PWB1040L COILCRAFT-PWB1040L Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
More results

Similar Description - PWB1040LD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
PWB-2-BLB COILCRAFT-PWB-2-BLB Datasheet
252Kb / 5P
   Surface Mount Wideband RF Transformers
TTWB1010LD COILCRAFT-TTWB1010LD Datasheet
230Kb / 5P
   Surface Mount Wideband RF Transformers
1812WBT-3LB COILCRAFT-1812WBT-3LB Datasheet
236Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT COILCRAFT-1812WBT_16 Datasheet
269Kb / 2P
   Surface Mount Wideband RF Transformers
PWB-1-AL COILCRAFT-PWB-1-AL Datasheet
329Kb / 5P
   Surface Mount Wideband RF Transformers
logo
List of Unclassifed Man...
Z9280-A ETC2-Z9280-A Datasheet
222Kb / 1P
   Surface Mount Wideband RF Transformers
logo
Coilcraft lnc.
TTWB-1-AL COILCRAFT-TTWB-1-AL Datasheet
239Kb / 5P
   Surface Mount Wideband RF Transformers
Z9280-AL COILCRAFT-Z9280-AL Datasheet
355Kb / 2P
   Surface Mount Wideband RF Transformers
1812WBT-1L COILCRAFT-1812WBT-1L Datasheet
124Kb / 2P
   Surface Mount Wideband RF Transformers
Z9280 COILCRAFT-Z9280_13 Datasheet
418Kb / 2P
   Surface Mount Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com