Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TN6718A Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part No. TN6718A
Description  NPN General Purpose Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

TN6718A Datasheet(HTML) 2 Page - Fairchild Semiconductor

  TN6718A Datasheet HTML 1Page - Fairchild Semiconductor TN6718A Datasheet HTML 2Page - Fairchild Semiconductor TN6718A Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
25
2.5
IC = 200 mA, VCE = 5 V, f=20MHz
Small Signal Current Gain
hfe
pF
30
VCB = 10 V, IE = 0, f = 1MHz
Output Capacitance
Ccb
SMALL SIGNAL CHARACTERISTICS
V
1.2
IC = 250 mA, VCE = 1 V
Base-Emitter On Voltage
VBE(on)
V
0.5
0.35
IC = 250 mA, IB = 10 mA
IC = 250 mA, IB = 25 mA
Collector-Emitter Saturation Voltage
VCE(sat)
-
250
80
50
20
IC = 50 mA, VCE = 1 V
IC = 250 mA, VCE = 1 V
IC = 500 mA, VCE = 1 V
DC Current Gain
hFE
ON CHARACTERISTICS
uA
10
VEB = 5 V
Emitter Cutoff Current
IEBO
nA
100
VCB =80 V
Collector Cutoff Current
ICBO
V
5
IE = 100
µA
Emitter-Base Breakdown Voltage
BVEBO
V
100
IC = 100
µA
Collector-Base Breakdown Voltage
BVCBO
V
100
IC = 10 mA
Collector-Emitter Breakdown Voltage
BVCEO
OFF CHARACTERISTICS
Units
Max
Min
Test Conditions
Parameter
Symbol
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
*Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 1.0%
© 1997 Fairchild Semiconductor
tn6718a.lwp Rev A


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn