Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBC1-1TLB Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # WBC1-1TLB
Description  Wideband Transformers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

WBC1-1TLB Datasheet(HTML) 2 Page - Coilcraft lnc.

  WBC1-1TLB Datasheet HTML 1Page - Coilcraft lnc. WBC1-1TLB Datasheet HTML 2Page - Coilcraft lnc. WBC1-1TLB Datasheet HTML 3Page - Coilcraft lnc. WBC1-1TLB Datasheet HTML 4Page - Coilcraft lnc. WBC1-1TLB Datasheet HTML 5Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Wideband Transformers
Document 425-2 Revised 04/27/12
Document 425-2
Impedance
Insertion
Pri (pins 4–6)
Sec (pins 1–3)
DC
Part number
ratio2
Bandwidth loss max L min3 DCR max4
L min3 DCR max4 imbalance5
Schematic
SM1
TH
pri:sec
(MHz)
(dB)
(µH)
(mOhm)
(µH)
(mOhm)
max (mA)
WB1-1SL_
WB1-1L
1
:1
0.150 – 500
0.70
27
75
27
75
WB1-6SL_
WB1-6L
1
: 1
0.100 – 350
0.50
25
100
25
100
WB1.18-3SL_
WB1.18-3L
1
:1.18
0.040 – 300
0.50
90
300
108
330
WB1.5-6SL_
WB1.5-6L
1
:1.5
0.050 – 325
0.26
56
120
84
150
WB2-1-2WSL_
WB2-1-2WL
1
:2
0.080 – 700
1.00
38
100
75
150
WB2.5-6SL_
WB2.5-6L
1
:2.5
0.080 – 225
0.26
30
100
75
130
WB4-6SL_
WB4-6L
1
:4
0.100 – 125
0.50
25
100
100
200
WB9-1SL_
WB9-1L
1
:9
0.125 – 125
0.57
25
100
225
250
WB16-1SL_
WB16-1L
1
: 16
0.050 – 100
0.60
56
75
896
330
WB36-1SL_
WB36-1L
1
: 36
0.100 – 45
0.50
25
50
900
180
WB1-1TSL_
WB1-1TL
1
:1
0.100 – 375
0.51
25
100
25
100
30
WB1-6TSL_
WB1-6TL
1
:1
0.050 – 200
0.20
70
150
70
150
18
WB2-1TSL_
WB2-1TL
1
:2
0.070 – 400
1.00
38
100
75
150
29
WB2.5-6TSL_
WB2.5-6TL
1
: 2.5
0.050 – 125
0.28
56
120
140
200
13
WB3-1TSL_
WB3-1TL
1
: 3
0.040 – 500
0.40
96
110
270
200
4.0
WB4-1HSL_
WB4-1HL
1
:4
0.100 – 500
0.50
25
120
100
160
15
WB4-6TSL_
WB4-6TL
1
:4
0.050 – 200
0.50
43
120
172
160
5.0
WB5-1TSL_
WB5-1TL
1
:5
0.050 – 400
0.30
48
220
240
500
13
WB8-1TSL_
WB8-1TL
1
: 8
0.150 – 400
0.76
18
100
144
270
17
WB13-1TSL_
WB13-1TL
1
: 13
0.150 – 125
0.72
17
90
221
200
10
WB16-6TSL_
WB16-6TL
1
: 16
0.050 – 100
0.60
56
75
896
330
25
WBT1-6SL_
WBT1-6L
1
:1
0.040 – 200
0.25
70
150
70
150
19
WBT1.5-1SL_
WBT1.5-1L
1
:1.5
0.040 – 350
0.30
60
150
90
180
19
WBT2.5-6SL_
WBT2.5-6L
1
:2.5
0.050 – 100
0.26
70
150
175
200
11
WBT4-1SL_
WBT4-1L
1
:3
0.040 – 150
0.26
45
120
135
160
13
WBT4-1ASL_
WBT4-1AL
1
:4
0.040 – 350
0.40
96
110
384
220
3.5
WBT16-1SL_
WBT16-1L
1
:16
0.100 – 100
0.50
25
100
400
300
7.5
WBT25-1SL_
WBT25-1L
1
: 25
0.100 – 65
0.50
25
100
625
350
6.0
1. When ordering, please specify
packaging code:
WB25-1SLD
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge), use code letter D instead.
2. Impedance ratio is for the full primary winding to the full secondary winding.
3. Inductance measured at 100 kHz, 0.1 V, 0 Adc on an Agilent/HP 4192 or equivalent.
4. DCR measured on a micro-ohmmeter.
5. DC imbalance is the maximum difference in current measured at pins 1 and 3 with the source at pin 2. Inductance drop is 15% at max imbalance.
6. Electrical specifications at 25°C. Measurements are referenced to 50 Ohms.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
6
Pri
Sec
4
3
1
Pri
Sec
6
4
3
2
1
Pri
Sec
6
5
4
3
2
1


Similar Part No. - WBC1-1TLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WBC1-1TLB COILCRAFT-WBC1-1TLB Datasheet
407Kb / 5P
   Mini Wideband Transformers
More results

Similar Description - WBC1-1TLB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
WB2010-1-SMLB COILCRAFT-WB2010-1-SMLB Datasheet
212Kb / 5P
   Wideband Transformers
WB1-1SL COILCRAFT-WB1-1SL Datasheet
270Kb / 2P
   Wideband Transformers
PFD2015_WIDEBAND COILCRAFT-PFD2015_WIDEBAND_15 Datasheet
533Kb / 2P
   Wideband Transformers
WBC16-1TLC COILCRAFT-WBC16-1TLC Datasheet
246Kb / 5P
   Wideband Transformers
WB1-1SLD COILCRAFT-WB1-1SLD_15 Datasheet
616Kb / 5P
   Wideband Transformers
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB4-6-81 XFMRS-XFWB4-6-81 Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
logo
Coilcraft lnc.
WB1010-PCL COILCRAFT-WB1010-PCL Datasheet
217Kb / 2P
   Wideband RF Transformers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com