Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APL5320-33QF Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APL5320-33QF
Description  Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5320-33QF Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APL5320-33QF Datasheet HTML 7Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 8Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 9Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 10Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 11Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 12Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 13Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 14Page - Anpec Electronics Coropration APL5320-33QF Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.9 - Mar., 2012
APL5320
www.anpec.com.tw
11
Function Description
Internal Soft-Start
An internal soft-start function controls rising rate of the
output voltage to limit the surge current at start-up. The
typical soft-start interval is about 60
µs.
Thermal Shutdown
A thermal shutdown circuit limits the junction tempera-
ture of APL5320. When the junction temperature exceeds
+160oC, a thermal sensor turns off the output PMOS, al-
lowing the device to cool down. The regulator regulates
the output again through initiation of a new soft-start cycle
after the junction temperature cools by 40oC.The thermal
shutdown is designed with a 40oC hysteresis to lower
the average junction temperature during continuous ther-
mal overload conditions, extending lifetime of the device.
For normal operation, device power dissipation should
be externally limited so that junction temperature will not
exceed 125oC.
Current-Limit with Current Foldback
The APL5320 monitors the current via the output PMOS
and limits the maximum current. When the output current
reaches the current-limit threshold, current-limit with cur-
rent foldback circuit starts to work to prevent load and
APL5320 from damages during overload or short-circuit
conditions. Typical foldback current is about 50mA.
Shutdown Control
The APL5320 has an active-low shutdown function. Forc-
ing SHDN high (>1.5V) enables the V
OUT; forcing SHDN
low (<0.4V) disables the V
OUT. The SHDN can not be left
floating. If it is not used, connect it to VIN for normal
operation.
Under-Voltage Lock Out (UVLO)
The APL5320 monitors the input voltage to prevent wrong
logic control. The UVLO function initiates a soft-start pro-
cess after input voltage exceeds its rising UVLO thresh-
old during power on. The UVLO function also shuts off
the output when the input voltage falls below it’s falling
threshold.


Similar Part No. - APL5320-33QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012AI-TRG ANPEC-APL532012AI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BI-TRG ANPEC-APL532012BI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012BTI-TRG ANPEC-APL532012BTI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL532012QBI-TRG ANPEC-APL532012QBI-TRG Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results

Similar Description - APL5320-33QF

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Monolithic Power System...
MP20041 MPS-MP20041 Datasheet
364Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
MP20044 MPS-MP20044 Datasheet
397Kb / 11P
   Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
logo
Richtek Technology Corp...
RTQ2510-QA RICHTEK-RTQ2510-QA Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
RT2519W RICHTEK-RT2519W Datasheet
355Kb / 13P
   1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
   ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
L1127 UTC-L1127 Datasheet
178Kb / 5P
   ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_V01 Datasheet
249Kb / 7P
   ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com