Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594D158004R Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 594D158004R
Description  Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

594D158004R Datasheet(HTML) 2 Page - Vishay Siliconix

  594D158004R Datasheet HTML 1Page - Vishay Siliconix 594D158004R Datasheet HTML 2Page - Vishay Siliconix 594D158004R Datasheet HTML 3Page - Vishay Siliconix 594D158004R Datasheet HTML 4Page - Vishay Siliconix 594D158004R Datasheet HTML 5Page - Vishay Siliconix 594D158004R Datasheet HTML 6Page - Vishay Siliconix 594D158004R Datasheet HTML 7Page - Vishay Siliconix 594D158004R Datasheet HTML 8Page - Vishay Siliconix 594D158004R Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
594D
www.vishay.com
Vishay Sprague
Revision: 25-Jun-13
2
Document Number: 40006
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6.3 V
10 V
16 V
20 V
25 V
35 V
50 V
1.0
B
2.2
B
3.3
B
4.7
BB
C
6.8
BC
C/D
10
BB
15
B
B
C
C/D
R
22
BBB
B/C
C
D/R
33
B
B
B/C
D
R
47
B
B/C
C/D
D/R
R
68
B
B/C
C/D
D
D/R
100
B
B
B/C
C/D
D
R
120
C
C
R
R
150
B/C
C/D
D
D
180
D
R
220
C/D
C/D/R
D/R
270
D
330
C
C/D
D/R
R
390
R
470
C/R
D/R
R
680
D
R
R
1000
R
1500
R
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT + 25 °C
(μA)
MAX. DF
AT + 25 °C
120 Hz
(%)
MAX. ESR
AT + 25 °C
100 kHz
(
)
MAX. RIPPLE
100 kHz
IRMS
(A)
4 VDC AT+ 85 °C, 2.7 VDC AT + 125 °C
33
B
594D336(1)004B(2)(3)
1.30
6
0.380
0.47
100
B
594D107(1)004B(2)(3)
4.00
8
0.300
0.53
150
B
594D157(1)004B(2)(3)
6.00
8
0.250
0.58
150
C
594D157(1)004C(2)(3)
6.00
8
0.080
1.17
270
D
594D277(1)004D(2)(3)
10.80
8
0.060
1.58
330
C
594D337(1)004C(2)(3)
13.20
8
0.080
1.17
470
C
594D477(1)004C(2)(3)
18.80
10
0.075
1.21
470
R
594D477(1)004R(2)(3)
18.80
10
0.045
2.36
680
D
594D687(1)004D(2)(3)
27.20
12
0.060
1.58
1500
R
594D158(1)004R(2)(3)
60.00
20
0.030
2.89
6.3 VDC AT + 85 °C, 4 VDC AT + 125 °C
22
B
594D226(1)6R3B(2)(3)
1.40
6
0.380
0.47
68
B
594D686(1)6R3B(2)(3)
4.30
6
0.319
0.52
100
B
594D107(1)6R3B(2)(3)
6.30
8
0.250
0.58
Note
• Part number definitions:
(1) Tolerance: For 10 % tolerance, specify “X9”; for 20 % tolerance, change to “X0”
(2) Termination: For 100 % tin specify “2”, for gold plated specify “4”, for solder plated 60/40 specify “8”
(3) Packaging code: For 7" reels specify “T”, for 13" reels specify “W”.


Similar Part No. - 594D158004R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D158004R VISHAY-594D158004R Datasheet
818Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT짰, Conformal Coated, Maximum CV, Low ESR
Revision: 25-Jun-13
More results

Similar Description - 594D158004R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
594D VISHAY-594D_08 Datasheet
101Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated, Maximum CV, Low ESR
Revision: 23-Jan-08
594D107X0025R2T VISHAY-594D107X0025R2T Datasheet
315Kb / 21P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 20-Jan-14
594D108X06R3R2T VISHAY-594D108X06R3R2T Datasheet
441Kb / 7P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 08-Jan-13
594D476X9016C2T VISHAY-594D476X9016C2T Datasheet
107Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV, Low ESR
Revision: 11-May-09
597D226X9050R2T VISHAY-597D226X9050R2T Datasheet
620Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 25-Jun-13
597D108X96R3R2T VISHAY-597D108X96R3R2T Datasheet
93Kb / 6P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 09-Apr-13
597D477X0010E2T VISHAY-597D477X0010E2T Datasheet
102Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 23-Jan-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
597D VISHAY-597D_08 Datasheet
99Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Ultra-Low ESR, Conformal Coated, Maximum CV
Revision: 01-Aug-08
594D VISHAY-594D Datasheet
195Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV, Low ESR
Revision 09-Mar-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com