Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APW7098 Datasheet(PDF) 16 Page - Anpec Electronics Coropration

Part No. APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APW7098 Datasheet(HTML) 16 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
16
Typical Application Circuits (Cont.)
Q1 : APM4350KPx1
Q2 : APM4354KPx2
V
IN
+12V
BOOT1
UGATE1
PHASE1
LGATE1
C5
0.1
µF
C6
1200uFx3
L1
0.56
µH
C4
10
µF
Q2
Q1
V
OUT
1.2V
C7
47
µFx2
BOOT2
UGATE2
PHASE2
LGATE2
C10
0.1
µF
L2
0.56
µH
C8
10
µF
Q4
Q3
C9
330
µFx3
MODE
VCCDRV
VCC
5VCC
REFIN/EN
SS
RT
DROOP
R11
2k
C15
0.1
µF
C13
1
µF
C14
1
µF
APW7098
PGND
1
2
5
23
24
25
17
18
19
20
21
22
3
15
14
11
10
DCR=4m
DCR=4m
I
OCP=45A
F
OSC=300kHz
CSP1
CSN1
CSP2
CSN2
R8
1.5k
R5
1.5k
R7
1.5k
C12
0.1
µF
(X7R)
C11
0.1
µF
(X7R)
PHASE1
PHASE2
FB
REFOUT/POK
R6
1.5k
AGND
7
6
9
8
16
4
COMP
R1
1.5k
R2
1.5k
13
12
R3
51
C1
10nF
C3
2.2nF
C2
22nF
R4
2k
2. APW7098 PWM Converter With 12V Gate Drive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn