Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APW7098 Datasheet(PDF) 15 Page - Anpec Electronics Coropration

Part No. APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APW7098 Datasheet(HTML) 15 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
15
Typical Application Circuits
Q1 : APM4350KPx1
Q2 : APM4354KPx2
V
IN
+12V
BOOT1
UGATE1
PHASE1
LGATE1
C5
0.1
µF
C6
1200
µFx3
L1
0.56
µH
C4
10
µF
Q2
Q1
V
OUT
1.2V
C7
47
µFx2
BOOT2
UGATE2
PHASE2
LGATE2
C10
0.1
µF
L2
0.56
µH
C8
10
µF
Q4
Q3
C9
330
µFx3
CSP1
CSN1
CSP2
CSN2
R8
1.5k
R5
1.5k
R7
1.5k
C12
0.1
µF
(X7R)
C11
0.1
µF
(X7R)
PHASE1
PHASE2
MODE
VCCDRV
VCC
5VCC
REFIN/EN
SS
RT
DROOP
FB
REFOUT/POK
R6
1.5k
R1
1.5k
R2
1.5k
AGND
R11
2k
C15
0.1
µF
Q5
2N7002
C13
1
µF
R10
1.2k
C14
1
µF
C16
1
µF
APW7098
R12
1k
PGND
1
2
5
23
24
25
17
7
6
9
8
18
19
20
21
22
3
15
14
11
10
13
16
4
COMP
12
R3
51
C1
10nF
C3
2.2nF
C2
22nF
R4
2k
DCR=4m
DCR=4m
I
OCP=45A
F
OSC=300kHz
1. APW7098 PWM Converter With 8V Gate Drive


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn