Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APW7098 Datasheet(PDF) 11 Page - Anpec Electronics Coropration

Part # APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APW7098 Datasheet(HTML) 11 Page - Anpec Electronics Coropration

Back Button APW7098_11 Datasheet HTML 7Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 8Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 9Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 10Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 11Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 12Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 13Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 14Page - Anpec Electronics Coropration APW7098_11 Datasheet HTML 15Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
11
Operating Waveforms (Cont.)
Short-Circuit Test Before Power On
R
SEN=1.5kΩ
L=0.56
µH
DCR=4m
CH1: I
L1 (10A/div)
CH2: I
L2 (10A/div)
CH3: V
SS (5V/div)
CH4: V
OUT (1V/div)
Time: 5ms/div
1
2
3
4
I
L1
I
L2
V
SS
V
OUT
OVP After Power On
Pull-Up V
FB > V OV
CH1: V
FB (1V/div)
CH2: V
SS (2V/div)
CH3: V
LG1 (10V/div)
CH4: V
LG2 (10V/div)
Time: 100
µs/div
1
2
3
4
V
FB
V
SS
V
LG1
V
LG2
Pin Description
PIN
NO.
NAME
FUNCTION
1
UGATE1
High-side Gate Driver Output for channel 1. Connect this pin to the gate of high-side MOSFET.
This pin is monitored by the adaptive shoot-through protection circuitry to determine when the
high-side MOSFET has turned off.
2
BOOT1
Bootstrap Supply for the floating high-side gate driver of channel 1. Connect the Bootstrap
capacitor between the BOOT1 pin and the PHASE1 pin to form a bootstrap circuit. The bootstrap
capacitor provides the charge to turn on the high-side MOSFET. Typical values for CBOOT ranged
from 0.1
µF to 1µF. Ensure that C
BOOT is placed near the IC.
3
5VCC
Internal Regulator Output. This is the output pin of the linear regulator, which is converting power
from VCC and provides output current up to 20mA minimums for internal bias and external usage.
4
AGND
Signal Ground for the IC. All voltage levels are measured with respect to this pin. Tie this pin to the
ground island/plane through the lowest impedance connection available.
5
MODE
Operation Phase Selection Input. Pulling this pin lower than 0.64V sets two-phase operation with
both channels enabled. Pulling this pin higher than 0.8V sets single-phase operation with the
channel 2 disabled. Once operating in single-phase mode, the operation mode is latched. It is
required to toggle SS, REFIN/EN, or 5VCC pin to reset the IC.
6
CSP1
Positive Input of current sensing Amplifier for channel 1. This pin combined with CSN1 senses the
inductor current through an RC network.
7
CSN1
Negative Input of current sensing amplifier for channel 1. This pin combined with CSP1 senses
the inductor current through an RC network.
8
CSN2
Negative Input of current sensing amplifier for channel 2. This pin combined with CSP2 senses
the inductor current through an RC network.
9
CSP2
Positive Input of current sensing Amplifier for Channel 2. This pin combined with CSN2 senses the
inductor current through an RC network.


Similar Part No. - APW7098_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7098QAE-TRG ANPEC-APW7098QAE-TRG Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - APW7098_11

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com