Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

APW7098 Datasheet(PDF) 9 Page - Anpec Electronics Coropration

Part No. APW7098
Description  Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANPEC [Anpec Electronics Coropration]
Homepage  http://www.anpec.com.tw
Logo 

APW7098 Datasheet(HTML) 9 Page - Anpec Electronics Coropration

Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Oct., 2011
APW7098
www.anpec.com.tw
9
Operating Waveforms (Cont.)
Under-Voltage Protection (UVP)
CH1: V
FB (500mV/div)
CH2: V
PHASE1 (10V/div)
CH3: V
PHASE2 (10V/div)
CH4: V
SS (2V/div)
Time: 200
µs/div
1
2
3
4
V
FB
V
PHASE1
V
PHASE2
V
ss
Power On Without V
IN2 Voltage
CH1: V
OUT (1V/div)
CH2: V
PHASE1 (10V/div)
CH3: V
PHASE2 (2V/div)
CH4: V
SS (2V/div)
Time: 5ms/div
1
2
3
4
V
OUT
V
PHASE1
V
PHASE2
V
ss
External Step-Down Reference by V
REFIN/EN
1
2
3
4
V
FB
V
SS
I
OUT
CH1: V
REFIN/EN (1V/div)
CH2: V
FB (500mV/div)
CH3: V
SS (1V/div)
CH4: I
OUT (10A/div)
Time: 200
µs/div
V
REFIN/EN
CH1: V
REFIN/EN (1V/div)
CH2: V
FB (500mV/div)
CH3: V
SS (1V/div)
CH4: I
OUT (10A/div)
Time: 200
µs/div
External Step-Up Reference by V
REFIN/EN
1
2
3
4
V
REFIN/EN
V
FB
V
SS
I
OUT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn