Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

551-0507 Datasheet(PDF) 9 Page - Dialight Corporation

Part # 551-0507
Description  3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

551-0507 Datasheet(HTML) 9 Page - Dialight Corporation

  551-0507 Datasheet HTML 1Page - Dialight Corporation 551-0507 Datasheet HTML 2Page - Dialight Corporation 551-0507 Datasheet HTML 3Page - Dialight Corporation 551-0507 Datasheet HTML 4Page - Dialight Corporation 551-0507 Datasheet HTML 5Page - Dialight Corporation 551-0507 Datasheet HTML 6Page - Dialight Corporation 551-0507 Datasheet HTML 7Page - Dialight Corporation 551-0507 Datasheet HTML 8Page - Dialight Corporation 551-0507 Datasheet HTML 9Page - Dialight Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4-64 Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
3mm Discrete LED
High Efficiency
Diffused
521-94xx
TYPE
COLOR
521-9408
Green
521-9427
Red
521-9428
Yellow
Green
Red
Yellow
ABSOLUTE MAXIMUM RATINGS (T
A=25°C)
-9408
-9427
-9428
Power Dissipation (mW)
75
60
60
Forward Current (mA)
25
20
20
Derating (mA/°C) From 50°C
.5
.5
.5
Peak Current (mA)
60
60
60
Operating Temperature (°C)
-25/+85
-25/+85
-25/+85
Storage Temperature (°C)
-30/+100
-30/+100
-30/+100
Soldering Temperature
260°C, 5 seconds, 1.6 mm from case
Green
Red
Yellow
OPERATING CHARACTERISTICS (T
A=25°C)
-9408
-9427
-9428
Luminous Intensity (mcd)
Min.
5.6
3.6
2.2
IF=10mA
Typical
16
10
6.3
Peak Wavelength (nm)
Typical
563
650
585
λ Peak
Viewing Angle (2
Θ ½)
Typical
45°
45°
45°
Forward Voltage (V)
Typical
2.1
2
2.1
IF=10mA
Max.
3
3
3
Reverse Voltage (V), IR=10µA
Min.
3
3
3
.50
[.020]
NOM
1.30
±.25
[.051
±.010]
24.00
±.25
[.945
±.010]
4.70
±.20
[.185
±.008]
3.09
±.20
[.122
±.008]
6.10
±.38
[.240
±.015]
.79
±.20
[.031
±.008]
3.30
[.130]
MAX
.50
[.020]
NOM
2.49
±.25
[.098
±.010]
CATHODE (–)
1.0
[.040]
Θ is the off axis angle at which the luminous intensity is half the axial luminous intensity
Solder Adherence per MIL-STD-202E, Method 208C
Dimensions in mm [inches]
MOUNTING CLIP: 515-0006
located on page 4-65


Similar Part No. - 551-0507

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-0507 DIALIGHT-551-0507 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-0507 DIALIGHT-551-0507 Datasheet
78Kb / 9P
   LED CBI Circuit Board Indicator
551-0507-004 DIALIGHT-551-0507-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-0507F DIALIGHT-551-0507F Datasheet
644Kb / 2P
   3MM LED CBI CIRCUTIT BOARD INDICATOR (DIN 41494 COMPATIBLE), NARROW BI-LEVEL
More results

Similar Description - 551-0507

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
551-XX07 DIALIGHT-551-XX07 Datasheet
73Kb / 9P
   3mm LED CBI Circuit Board Indicator 200 High LED Centerline
551-XX07-004 DIALIGHT-551-XX07-004 Datasheet
61Kb / 8P
   3mm LED CBI Circuit Board Indicator Quad, .200??High LED Centerline
551-XX09 DIALIGHT-551-XX09 Datasheet
70Kb / 9P
   3mm LED CBI Circuit Board Indicator 120 High LED Centerline
350-1681-ND DIALIGHT-350-1681-ND Datasheet
74Kb / 9P
   LED CBI Circuit Board Indicator .120 High LED Centerline
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
logo
Bedford Opto Technology...
ORE9901 BOT-ORE9901 Datasheet
50Kb / 2P
   3mm LED CIRCUIT INDICATOR
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
550-5207F DIALIGHT-550-5207F Datasheet
89Kb / 11P
   5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
564-0140-111 DIALIGHT-564-0140-111 Datasheet
109Kb / 2P
   3mm LED CBI Circuit Board Indicator TRI-LEVEL
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com