Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS1K Datasheet(PDF) 2 Page - Vishay Siliconix

Part # RS1K
Description  Surface Mount Fast Switching Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RS1K Datasheet(HTML) 2 Page - Vishay Siliconix

  RS1K Datasheet HTML 1Page - Vishay Siliconix RS1K Datasheet HTML 2Page - Vishay Siliconix RS1K Datasheet HTML 3Page - Vishay Siliconix RS1K Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RS1A, RS1B, RS1D, RS1G, RS1J, RS1K
www.vishay.com
Vishay General Semiconductor
Revision: 21-Aug-13
2
Document Number: 88707
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pad areas
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
RS1A
RS1B
RS1D
RS1G
RS1J
RS1K
UNIT
Maximum instantaneous
forward voltage
1.0 A
VF
1.3
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
500
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
10
7.0
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RS1A
RS1B
RS1D
RS1G
RS1J
RS1K
UNIT
Typical thermal resistance
RJA (1)
105
°C/W
RJL (1)
32
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RS1J-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
RS1J-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
RS1JHE3/61T (1)
0.064
61T
1800
7" diameter plastic tape and reel
RS1JHE3/5AT (1)
0.064
5AT
7500
13" diameter plastic tape and reel
RS1JHE3_A/H (1)
0.064
H
1800
7" diameter plastic tape and reel
RS1JHE3_A/I (1)
0.064
I
7500
13" diameter plastic tape and reel
Resistive or Inductive Load
P.C.B. Mounted on
0.2" x 0.2" (5.0 mm x 5.0 mm)
Copper Pad Areas
1.2
1.0
0.4
0
0
20
40
60
80
100
120
140
160
180
Lead Temperature (°C)
0.8
0.6
0.2
T
L = 90 °C
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz
1
10
100
50
40
30
20
10
0


Similar Part No. - RS1K

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RS1K PANJIT-RS1K Datasheet
60Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Jiangsu High diode Semi...
RS1K HDSEMI-RS1K Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
logo
Shenzhen Luguang Electr...
RS1K LUGUANG-RS1K Datasheet
178Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
logo
Fairchild Semiconductor
RS1K FAIRCHILD-RS1K Datasheet
49Kb / 3P
   Fast Rectifiers
logo
SAMYANG ELECTRONICS CO....
RS1K SAMYANG-RS1K Datasheet
955Kb / 2P
   FAST RECOVERY RECTIFIER
More results

Similar Description - RS1K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS1A SSE-RS1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
SR36 GOOD-ARK-SR36 Datasheet
171Kb / 2P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Transys Electronics
FR1A TRSYS-FR1A Datasheet
183Kb / 3P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
RS1A VISHAY-RS1A Datasheet
80Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 19-Apr-11
logo
TAITRON Components Inco...
RS1A TAITRON-RS1A Datasheet
641Kb / 4P
   Surface Mount Fast Switching Rectifier
logo
Vishay Siliconix
RS3K-E3 VISHAY-RS3K-E3 Datasheet
84Kb / 4P
   Surface Mount Fast Switching Rectifier
Revision: 25-Apr-14
RS3A VISHAY-RS3A_V01 Datasheet
96Kb / 4P
   Surface-Mount Fast Switching Rectifier
01-Jan-2022
logo
First Silicon Co., Ltd
GR1A FS-GR1A Datasheet
498Kb / 2P
   Surface Mount FAST SWITCHING RECTIFIER
logo
Shanghai Sunrise Electr...
FR1A SSE-FR1A Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
RS1AB SSE-RS1AB Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com