Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DO3340P-474MLD Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # DO3340P-474MLD
Description  SMT Power Inductors - DO3340P
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

DO3340P-474MLD Datasheet(HTML) 1 Page - Coilcraft lnc.

  DO3340P-474MLD Datasheet HTML 1Page - Coilcraft lnc. DO3340P-474MLD Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
SMTPowerInductors– DO3340P
Document 171-1
Document 171-1 Revised 01/12/11
L
DCR
SRF
Part
±20%2
max
typ
Isat3 Irms4
number1
(µH)
(Ohms) (MHz)
(A)
(A)
DO3340P-103ML_
10
0.040
35
8.0
3.5
DO3340P-153ML_
15
0.050
18
7.0
3.0
DO3340P-223ML_
22
0.066
13
5.5
2.5
DO3340P-333ML_
33
0.080
11
4.0
2.0
DO3340P-473ML_
47
0.110
9.0
3.8
1.6
DO3340P-683ML_
68
0.17
7.0
3.0
1.2
DO3340P-104ML_
100
0.22
5.5
2.5
1.2
DO3340P-154ML_
150
0.34
4.5
2.0
0.9
DO3340P-224ML_
220
0.44
3.5
1.6
0.7
DO3340P-334ML_
330
0.70
3.0
1.2
0.6
DO3340P-474ML_
470
0.95
2.5
1.0
0.3
DO3340P-684ML_
680
1.15
2.0
1.0
0.2
DO3340P-105ML_
1000
2.0
1.5
0.8
0.1
1. When ordering, please specify
termination and packaging codes:
DO3340P-105MLD
Termination: L = RoHS compliant gold over nickel over phos bronze.
Special order: T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Packaging: D = 13
″ machine-ready reel. EIA-481 embossed plastic
tape (225 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter D instead.
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/HP
4263B LCR meter or equivalent.
3. DC current at which inductance drops 10% (typ) from its value without
current.
4. Current that causes a 20°C temperature rise from 25°C ambient
5. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
Designer’s Kit C310 contains 3 of each part
Core material Ferrite
Core and winding loss See www.coilcraft.com/coreloss
Terminations RoHS compliant gold over nickel over phos bronze.
Other terminations available at additional cost.
Weight 1.8– 2.8 g
Ambient temperature –40°C to +85°C with
Irms current, +85°C to
+105°C with derated current
Storage temperature Component: –40°C to +105°C.
Tape and reel packaging: –40°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Failures in Time (FIT) / Mean Time Between Failures (MTBF)
38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332
Packaging 225 per 13
″ reel Plastic tape: 24 mm wide,
0.4 mm thick, 24 mm pocket spacing, 11.4 mm pocket depth
PCB washing Tested with pure water or alcohol only. For other solvents,
see Doc787_PCB_Washing.pdf.
• Excellentcurrenthandling–upto3.5Armswithan8Asaturation
current rating for a 10 µH part.


Similar Part No. - DO3340P-474MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P-474MLD COILCRAFT-DO3340P-474MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
DO3340P-474MLD COILCRAFT-DO3340P-474MLD Datasheet
551Kb / 2P
   SMT Power Inductors ??DO3340P
More results

Similar Description - DO3340P-474MLD

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
DO3340P COILCRAFT-DO3340P_15 Datasheet
551Kb / 2P
   SMT Power Inductors ??DO3340P
DO3340P-224MLD COILCRAFT-DO3340P-224MLD Datasheet
326Kb / 2P
   SMT Power Inductors - DO3340P
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com