Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC821A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 74LVC821A
Description  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  74LVC821A_1 Datasheet HTML 1Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 2Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 3Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821A_1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
4 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
Fig 4.
Logic diagram.
001aaa681
Q4
D4
Q3
D3
Q2
D2
Q1
D1
Q0
D0
D
FF1
Q
CP
CP
D
FF2
Q
CP
D
FF3
Q
CP
D
FF4
Q
CP
D
FF5
Q
CP
D
FF6
Q
CP
D
FF7
Q
CP
D
FF10
Q
CP
OE
Q5
D5
Q6
D6
Q9
D9
D
FF8
Q
CP
D
FF9
Q
CP
Q7
D7
Q8
D8


Similar Part No. - 74LVC821A_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821AD PHILIPS-74LVC821AD Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821AD NXP-74LVC821AD Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821ADB PHILIPS-74LVC821ADB Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821ADB NXP-74LVC821ADB Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
More results

Similar Description - 74LVC821A_1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com