Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A25L020Q4-UFQ Datasheet(PDF) 4 Page - AMIC Technology

Part # A25L020Q4-UFQ
Description  16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25L020Q4-UFQ Datasheet(HTML) 4 Page - AMIC Technology

  A25L020Q4-UFQ Datasheet HTML 1Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 2Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 3Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 4Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 5Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 6Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 7Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 8Page - AMIC Technology A25L020Q4-UFQ Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
A25L016 Series
(March, 2012, Version 2.0)
3
AMIC Technology Corp.
Pin Descriptions
Pin No.
Description
C
Serial Clock
DIO
Serial Data Input
1
DO
Serial Data Output
2
S
Chip Select
W
Write Protect
HOLD
Hold
VCC
Supply Voltage
VSS
Ground
Notes:
1. The DIO is also used as an output pin when the Fast
Read Dual Output instruction and the Fast Read Dual
Input-Output instruction are executed.
2. The DO is also used as an input pin when the Fast
Read Dual Input-Output instruction.
Logic Symbol
A25L016
DO
DIO
S
W
HOLD
V
SS
V
CC
C
SIGNAL DESCRIPTION
Serial Data Output (DO).
This output signal is used to
transfer data serially out of the device. Data is shifted out on
the falling edge of Serial Clock (C).
The DO pin is also used as an input pin when the Fast Read
Dual Input-Output instruction and Dual Input Fast Program is
executed.
Serial Data Input (DIO).
This input signal is used to transfer
data serially into the device. It receives instructions,
addresses, and the data to be programmed. Values are
latched on the rising edge of Serial Clock (C).
The DIO pin is also used as an output pin when the Fast
Read Dual Output instruction and the Fast Read Dual
Input-Output instruction are executed.
Serial Clock (C).
This input signal provides the timing of the
serial interface. Instructions, addresses, or data present at
Serial Data Input (DIO) are latched on the rising edge of
Serial Clock (C). Data on Serial Data Output (DO) changes
after the falling edge of Serial Clock (C).
Chip Select ( S ). When this input signal is High, the device
is deselected and Serial Data Output (DO) is at high
impedance. Unless an internal Program, Erase or Write
Status Register cycle is in progress, the device will be in the
Standby mode (this is not the Deep Power-down mode).
Driving Chip Select (
S ) Low enables the device, placing it in
the active power mode.
After Power-up, a falling edge on Chip Select (
S ) is required
prior to the start of any instruction.
Hold ( HOLD ). The Hold (
HOLD ) signal is used to pause
any serial communications
with the device
without
deselecting the device.
During the Hold condition, the Serial Data Output (DO) is
high impedance, and Serial Data Input (DIO) and Serial
Clock (C) are Don’t Care. To start the Hold condition, the
device must be selected, with Chip Select (
S ) driven Low.
Write Protect (
W ). The main purpose of this input signal is
to freeze the size of the area of memory that is protected
against program or erase instructions (as specified by the
values in the BP2, BP1, and BP0 bits of the Status Register).


Similar Part No. - A25L020Q4-UFQ

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L020 AMICC-A25L020 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020-F AMICC-A25L020-F Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020-M AMICC-A25L020-M Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020-MF AMICC-A25L020-MF Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020-MU AMICC-A25L020-MU Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
More results

Similar Description - A25L020Q4-UFQ

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A25L016 AMICC-A25L016 Datasheet
546Kb / 41P
   16Mbit Low Voltage, Serial Flash Memory With 100MHz Uniform 4KB Sectors
A25L020C AMICC-A25L020C Datasheet
637Kb / 44P
   2Mbit 3V Serial Flash Memory with 100MHz Uniform 4KB Sectors
A25L016 AMICC-A25L016_15 Datasheet
681Kb / 43P
   16Mbit Low Voltage, Serial Flash Memory
logo
Winbond
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X64V WINBOND-W25X64V Datasheet
1Mb / 44P
   64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
logo
Cypress Semiconductor
S25FL208K CYPRESS-S25FL208K Datasheet
1Mb / 33P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
logo
SPANSION
S25FL208K SPANSION-S25FL208K Datasheet
1Mb / 37P
   8-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL216K SPANSION-S25FL216K Datasheet
1Mb / 37P
   16-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
S25FL204K SPANSION-S25FL204K Datasheet
1Mb / 37P
   4-Mbit 3.0V Serial Flash Memory with Uniform 4 kB Sectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com