Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3423 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC3423
Description  Audio Frequency Amplifier Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3423 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC3423 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3423 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC3423
2006-11-09
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 150 V, IE = 0
0.1
μA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
0.1
μA
DC current gain
hFE
(Note)
VCE = 5 V, IC = 10 mA
80
240
Collector-emitter saturation voltage
VCE (sat)
IC = 10 mA, IB = 1 mA
1.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 10 mA
0.8
V
Transition frequency
fT
VCE = 5 V, IC = 10 mA
200
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
1.8
pF
Note: hFE classification O: 80 to 160, Y: 120 to 240
Marking
C3423
Part No. (or abbreviation code)
Characteristics indicator
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.


Similar Part No. - 2SC3423

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3423 TOSHIBA-2SC3423 Datasheet
143Kb / 2P
   NPN EPITAXIAL TYPE (AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SC3423 TOSHIBA-2SC3423 Datasheet
125Kb / 5P
   Silicon NPN Epitaxial Type (PCT Process) Audio Frequency Amplifier Applications
logo
Savantic, Inc.
2SC3423 SAVANTIC-2SC3423 Datasheet
141Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3423 JMNIC-2SC3423 Datasheet
202Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3423 ISC-2SC3423 Datasheet
176Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC3423

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
   Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SA1204-Y TOSHIBA-2SA1204-Y Datasheet
143Kb / 4P
   Audio Frequency Amplifier Applications
2SC2704 TOSHIBA-2SC2704 Datasheet
189Kb / 3P
   AUDIO FREQUENCY AMPLIFIER APPLICATIONS.
2SA1360 TOSHIBA-2SA1360_07 Datasheet
126Kb / 5P
   Audio Frequency Amplifier Applications
2SA817 TOSHIBA-2SA817_07 Datasheet
357Kb / 3P
   Audio Frequency Amplifier Applications
2SA1049 TOSHIBA-2SA1049_07 Datasheet
341Kb / 3P
   Audio Frequency Amplifier Applications
2SA1145 TOSHIBA-2SA1145_07 Datasheet
138Kb / 5P
   Audio Frequency Amplifier Applications
2SA1203 TOSHIBA-2SA1203_07 Datasheet
128Kb / 4P
   Audio Frequency Amplifier Applications
2SA1204 TOSHIBA-2SA1204_07 Datasheet
131Kb / 4P
   Audio Frequency Amplifier Applications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com